Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP386M268200KT8 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MKP386M268200KT8
Description  Metallized Polypropylene Film Capacitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP386M268200KT8 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKP386M268200KT8 Datasheet HTML 4Page - Vishay Siliconix MKP386M268200KT8 Datasheet HTML 5Page - Vishay Siliconix MKP386M268200KT8 Datasheet HTML 6Page - Vishay Siliconix MKP386M268200KT8 Datasheet HTML 7Page - Vishay Siliconix MKP386M268200KT8 Datasheet HTML 8Page - Vishay Siliconix MKP386M268200KT8 Datasheet HTML 9Page - Vishay Siliconix MKP386M268200KT8 Datasheet HTML 10Page - Vishay Siliconix MKP386M268200KT8 Datasheet HTML 11Page - Vishay Siliconix MKP386M268200KT8 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MKP386M Snubber
www.vishay.com
Vishay Roederstein
Revision: 11-Jun-15
8
Document Number: 28170
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Change the ** symbol according special code for the terminals
CONSTRUCTION
Low
inductive
wound
cells
elements
of
metallized
polypropylene film, potted with resin in flame retardant case.
Series construction for 420 VAC to 600 VAC versions build in
case width
 44 mm and 450 V
AC to 550 VAC versions build
in case width > 44 mm.
Triple construction for 700 VAC and 800 VAC versions build
in case width
 44 mm and 550 V
AC to 700 VAC versions
build in case width > 44 mm.
Series construction with 4 sections for 800 VAC versions
build in case width > 44 mm.
2000
0.047
MKP386M347200J**
41
48
48
55
0.068
MKP386M368200J**
40
48
48
55
0.10
MKP386M410200J**
39
48
48
55
0.12
MKP386M412200J**
38
48
48
55
0.15
MKP386M415200J**
37
48
48
55
0.22
MKP386M422200J**
61
42
42
36
42
36
42
36
42
0.27
MKP386M427200J**
59
42
42
36
42
36
42
36
42
0.33
MKP386M433200J**
57
42
42
36
42
36
42
36
42
0.39
MKP386M439200J**
55
42
42
36
42
36
42
36
42
0.47
MKP386M447200J**
90
63
63
54
63
60
63
60
63
0.56
MKP386M456200J**
87
63
63
54
63
60
63
60
63
0.68
MKP386M468200J**
82
63
63
54
63
60
63
60
63
0.68
MKP386M468200Y**
78
50
50
48
55
55
55
50
50
0.82
MKP386M482200Y**
75
50
50
48
55
55
55
50
50
1.0
MKP386M510200Y**
89
45
45
40
45
45
45
45
45
1.5
MKP386M515200Y**
112
35
35
36
40
40
40
35
35
2500
0.047
MKP386M347250J**
40
48
48
55
0.068
MKP386M368250J**
39
48
48
55
0.10
MKP386M410250J**
37
48
48
55
0.12
MKP386M412250J**
36
48
48
55
0.15
MKP386M415250J**
61
42
42
36
42
36
42
36
42
0.18
MKP386M418250J**
59
42
42
36
42
36
42
36
42
0.22
MKP386M422250J**
57
42
42
36
42
36
42
36
42
0.33
MKP386M433250J**
88
63
63
54
63
60
63
60
63
0.39
MKP386M439250J**
85
63
63
54
63
60
63
60
63
0.47
MKP386M447250J**
80
63
63
54
63
60
63
60
63
0.47
MKP386M447250Y**
74
50
50
48
55
55
55
50
50
0.56
MKP386M456250Y**
89
45
45
40
45
45
45
45
45
0.68
MKP386M468250Y**
119
35
35
36
40
40
40
35
35
0.82
MKP386M482250Y**
113
35
35
36
40
40
40
35
35
PACKAGING INFORMATION
URDC
(V)
CAP.
(μF)
ORDERING CODE (1)
MASS
(g)
TERMINAL AVAILABLE - SPQ (pcs)
T1
T2
T3
T4
T5
T6
T7
T8
MKP metallized polypropylene
Metal spray layer
MKP metallized polypropylene
Metal spray layer


Similar Part No. - MKP386M268200KT8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP386M268200KT1 VISHAY-MKP386M268200KT1 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268200KT2 VISHAY-MKP386M268200KT2 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268200KT3 VISHAY-MKP386M268200KT3 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268200KT5 VISHAY-MKP386M268200KT5 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
More results

Similar Description - MKP386M268200KT8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com