Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP386M568200KT8 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP386M568200KT8
Description  Metallized Polypropylene Film Capacitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP386M568200KT8 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP386M568200KT8 Datasheet HTML 1Page - Vishay Siliconix MKP386M568200KT8 Datasheet HTML 2Page - Vishay Siliconix MKP386M568200KT8 Datasheet HTML 3Page - Vishay Siliconix MKP386M568200KT8 Datasheet HTML 4Page - Vishay Siliconix MKP386M568200KT8 Datasheet HTML 5Page - Vishay Siliconix MKP386M568200KT8 Datasheet HTML 6Page - Vishay Siliconix MKP386M568200KT8 Datasheet HTML 7Page - Vishay Siliconix MKP386M568200KT8 Datasheet HTML 8Page - Vishay Siliconix MKP386M568200KT8 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MKP386M Snubber
www.vishay.com
Vishay Roederstein
Revision: 11-Jun-15
5
Document Number: 28170
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1250
URAC = 550 V; Upp = 1550 V
0.33
22.0
30.5
33.5
800
264
7.0
16.0
4.0
8.0
40
MKP386M433125J**
0.39
22.0
30.5
33.5
800
312
7.0
14.0
4.0
8.0
40
MKP386M439125J**
0.47
22.0
30.5
33.5
800
376
8.0
11.0
4.0
8.0
40
MKP386M447125J**
0.56
22.0
30.5
33.5
800
448
8.5
10.0
4.0
8.0
40
MKP386M456125J**
0.68
22.0
30.5
33.5
800
544
9.5
8.0
4.0
8.0
40
MKP386M468125J**
0.82
22.0
38.0
44.0
375
308
9.0
13.0
5.0
15.0
60
MKP386M482125J**
1.0
22.0
38.0
44.0
375
375
10.0
10.0
5.0
15.0
60
MKP386M510125J**
1.2
22.0
38.0
44.0
375
450
11.0
9.0
5.0
15.0
-
MKP386M512125J**
1.5
30.0
46.0
44.0
375
563
14.0
7.0
5.0
15.0
-
MKP386M515125J**
1.8
30.0
46.0
44.0
375
675
15.0
6.0
5.0
15.0
-
MKP386M518125J**
2.0
30.0
46.0
44.0
375
750
16.0
5.5
5.0
15.0
-
MKP386M520125J**
2.2
30.0
46.0
44.0
375
825
18.0
4.5
5.0
15.0
-
MKP386M522125J**
URAC = 450 V; Upp = 1300 V
2.2
25.0
45.0
58.0
225
495
14.0
6.0
7.5
20
-
MKP386M522125Y**
2.5
25.0
45.0
58.0
225
563
15.0
5.0
7.5
20
-
MKP386M525125Y**
3.0
25.0
45.0
58.0
225
675
16.5
4.0
7.5
20
-
MKP386M530125Y**
3.3
30.0
45.0
58.0
225
743
18.0
4.0
7.5
20
-
MKP386M533125Y**
4.0
35.0
50.0
58.0
225
900
21.5
3.0
7.5
20
-
MKP386M540125Y**
4.7
35.0
50.0
58.0
225
1058
23.5
2.5
7.5
20
-
MKP386M547125Y**
5.0
35.0
50.0
58.0
225
1125
24.5
2.5
7.5
20
-
MKP386M550125Y**
1600
URAC = 600 V; Upp = 1690 V
0.22
22.0
30.5
33.5
800
176
7.0
16.0
3.0
5.0
40
MKP386M422160J**
0.27
22.0
30.5
33.5
800
216
7.0
15.0
3.0
5.0
40
MKP386M427160J**
0.33
22.0
30.5
33.5
800
264
8.0
12.0
3.0
5.0
40
MKP386M433160J**
0.39
22.0
30.5
33.5
800
312
8.5
10.0
3.0
5.0
40
MKP386M439160J**
0.47
22.0
30.5
33.5
800
376
9.0
8.5
3.0
5.0
40
MKP386M447160J**
0.56
22.0
38.0
44.0
375
210
9.0
14.0
4.0
10.0
60
MKP386M456160J**
0.68
22.0
38.0
44.0
375
255
9.0
12.0
4.0
10.0
60
MKP386M468160J**
0.82
22.0
38.0
44.0
375
308
10.0
10.0
4.0
10.0
60
MKP386M482160J**
1.0
22.0
38.0
44.0
375
375
12.0
8.0
4.0
10.0
60
MKP386M510160J**
1.3
30.0
46.0
44.0
375
488
16.0
6.0
4.0
10.0
-
MKP386M513160J**
1.5
30.0
46.0
44.0
375
563
16.0
5.5
4.0
10.0
-
MKP386M515160J**
1.8
30.0
46.0
44.0
375
675
18.0
4.5
4.0
10.0
-
MKP386M518160J**
2.0
30.0
46.0
44.0
375
750
19.0
4.0
4.0
10.0
-
MKP386M520160K**
URAC = 450 V; Upp = 1300 V
1.5
25.0
45.0
58.0
360
540
18.0
3.5
5.0
15
-
MKP386M515160Y**
2.0
30.0
45.0
58.0
360
720
22.0
2.5
5.0
15
-
MKP386M520160Y**
2.2
35.0
50.0
58.0
360
792
25.0
2.5
5.0
15
-
MKP386M522160Y**
2.5
35.0
50.0
58.0
360
900
26.5
2.0
5.0
15
-
MKP386M525160Y**
2000
URAC = 700 V; Upp = 1980 V
0.047
22.0
30.5
33.5
2000
94
6.0
20.0
3.0
5.0
30
MKP386M347200J**
0.068
22.0
30.5
33.5
2000
136
6.5
17.0
3.0
5.0
30
MKP386M368200J**
0.10
22.0
30.5
33.5
2000
200
8.0
11.0
3.0
5.0
30
MKP386M410200J**
0.12
22.0
30.5
33.5
2000
240
9.0
9.0
3.0
5.0
30
MKP386M412200J**
0.15
22.0
30.5
33.5
2000
300
9.5
8.0
3.0
5.0
30
MKP386M415200J**
0.22
22.0
38.0
44.0
850
187
10.0
10.0
4.0
10.0
50
MKP386M422200J**
0.27
22.0
38.0
44.0
850
230
11.0
8.5
4.0
10.0
50
MKP386M427200J**
0.33
22.0
38.0
44.0
850
281
12.0
7.0
4.0
10.0
50
MKP386M433200J**
0.39
22.0
38.0
44.0
850
332
12.0
6.0
4.0
10.0
50
MKP386M439200J**
0.47
30.0
46.0
44.0
850
400
16.0
5.0
4.0
10.0
50
MKP386M447200J**
0.56
30.0
46.0
44.0
850
476
18.0
4.0
4.0
10.0
50
MKP386M456200J**
0.68
30.0
46.0
44.0
850
578
20.0
3.5
4.0
10.0
50
MKP386M468200J**
0.68
25.0
45.0
58.0
525
357
14.0
6.0
5.0
15.0
75
MKP386M468200Y**
0.82
25.0
45.0
58.0
525
431
15.5
5.0
5.0
15.0
75
MKP386M482200Y**
1.0
30.0
45.0
58.0
525
525
18.0
4.0
5.0
15.0
-
MKP386M510200Y**
1.5
35.0
50.0
58.0
525
788
24.0
2.5
5.0
15.0
-
MKP386M515200Y**
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION (mm) (4)
dU/dt
(V/μs)
Ipeak
(A)
IRMS (2)
(A)
ESR (3)
(mΩ)
tan
1 kHz
< (10-4)
tan
10 kHz
< (10-4)
tan
100 kHz
< (10-4)
ORDERING CODE (1)
WH
L


Similar Part No. - MKP386M568200KT8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP386M568200KT1 VISHAY-MKP386M568200KT1 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M568200KT2 VISHAY-MKP386M568200KT2 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M568200KT3 VISHAY-MKP386M568200KT3 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M568200KT5 VISHAY-MKP386M568200KT5 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
More results

Similar Description - MKP386M568200KT8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com