Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1211 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA1211
Description  High efficiency auto-up/down DC/DC converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1211 Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1211 Datasheet HTML 1Page - NXP Semiconductors TEA1211 Datasheet HTML 2Page - NXP Semiconductors TEA1211 Datasheet HTML 3Page - NXP Semiconductors TEA1211 Datasheet HTML 4Page - NXP Semiconductors TEA1211 Datasheet HTML 5Page - NXP Semiconductors TEA1211 Datasheet HTML 6Page - NXP Semiconductors TEA1211 Datasheet HTML 7Page - NXP Semiconductors TEA1211 Datasheet HTML 8Page - NXP Semiconductors TEA1211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2003 Oct 13
4
Philips Semiconductors
Preliminary specification
High efficiency auto-up/down
DC/DC converter
TEA1211HN
5
BLOCK DIAGRAM
handbook, full pagewidth
MDB001
I2C-BUS INTERFACE
TEMPERATURE
PROTECTION
INTERNAL
SUPPLY
BANDGAP
REFERENCE
13 MHz
OSCILLATOR
CLOCK
SELECTOR
DIGITAL
CONTROLLER
N-type
power FETs
N-down
TEA1211HN
LXB
LXA
n.c.
IN
2, 31, 32
29
6, 8, 17, 19
28
12
13
30
27
23, 25, 26
14, 15, 21, 22, 24
1, 3, 4,
10, 11
5, 7, 9, 16, 18, 20
SYNC/PWM
SHDWN
SCL
SDA
ILIM
GND
FB
OUT
Current limit
comparator
Window
comparator
P-type power FET
P-down
sense FET
P-type power FET
P-up
N-up
Fig.1 Block diagram.
6
PINNING
SYMBOL
PIN
DESCRIPTION
LXA
1
inductor connection 1
IN
2
input voltage
LXA
3
inductor connection 1
LXA
4
inductor connection 1
GND
5
ground
n.c.
6
not connected
GND
7
ground
n.c.
8
not connected
GND
9
ground
LXA
10
inductor connection 1
LXA
11
inductor connection 1
SCL
12
serial clock input line I2C-bus
SDA
13
serial data input/output line
I2C-bus
LXB
14
inductor connection 2
LXB
15
inductor connection 2
GND
16
ground
n.c.
17
not connected
GND
18
ground
n.c.
19
not connected
GND
20
ground
LXB
21
inductor connection 2
LXB
22
inductor connection 2
OUT
23
output voltage
LXB
24
inductor connection 2
OUT
25
output voltage
OUT
26
output voltage
FB
27
feedback input
SHDWN
28
shut-down input
SYNC/PWM
29
synchronization clock input,
PWM-only input
ILIM
30
current limit resistor connection
IN
31
input voltage
IN
32
input voltage
SYMBOL
PIN
DESCRIPTION


Similar Part No. - TEA1211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1210 PHILIPS-TEA1210 Datasheet
83Kb / 20P
   High efficiency, high current DC/DC converter
1999 Mar 08
TEA1210TS PHILIPS-TEA1210TS Datasheet
83Kb / 20P
   High efficiency, high current DC/DC converter
1999 Mar 08
More results

Similar Description - TEA1211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8625A MAXIM-MAX8625A_09 Datasheet
550Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 4; 4/09
MAX8625A_0812 MAXIM-MAX8625A_0812 Datasheet
488Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 3; 12/08
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A_08 Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com