Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELH338M080AR4 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ELH338M080AR4
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH338M080AR4 Datasheet(HTML) 2 Page - Kemet Corporation

  ELH338M080AR4 Datasheet HTML 1Page - Kemet Corporation ELH338M080AR4 Datasheet HTML 2Page - Kemet Corporation ELH338M080AR4 Datasheet HTML 3Page - Kemet Corporation ELH338M080AR4 Datasheet HTML 4Page - Kemet Corporation ELH338M080AR4 Datasheet HTML 5Page - Kemet Corporation ELH338M080AR4 Datasheet HTML 6Page - Kemet Corporation ELH338M080AR4 Datasheet HTML 7Page - Kemet Corporation ELH338M080AR4 Datasheet HTML 8Page - Kemet Corporation ELH338M080AR4 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Dimensions – Millimeters
L
SIDE VIEW
TERMINAL
END VIEW
D
3 ±0.5
0.8 ±0.1
5.8±1
1.5 ±0.1
0.8 ±0.1
5.8 ±1
TERMINAL DETAIL
PCB LAYOUT
P
1.5 ±0.1
Size Code
D
L
p
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Q7
22
+1.0/-0
20
+2.0/-0
10.0
±0.5
Q1
22
+1.0/-0
25
+2.0/-0
10.0
±0.5
Q2
22
+1.0/-0
30
+2.0/-0
10.0
±0.5
Q3
22
+1.0/-0
35
+2.0/-0
10.0
±0.5
Q4
22
+1.0/-0
40
+2.0/-0
10.0
±0.5
Q5
22
+1.0/-0
45
+2.0/-0
10.0
±0.5
Q6
22
+1.0/-0
50
+2.0/-0
10.0
±0.5
R7
25
+1.0/-0
20
+2.0/-0
10.0
±0.5
R1
25
+1.0/-0
25
+2.0/-0
10.0
±0.5
R2
25
+1.0/-0
30
+2.0/-0
10.0
±0.5
R3
25
+1.0/-0
35
+2.0/-0
10.0
±0.5
R4
25
+1.0/-0
40
+2.0/-0
10.0
±0.5
R5
25
+1.0/-0
45
+2.0/-0
10.0
±0.5
R6
25
+1.0/-0
50
+2.0/-0
10.0
±0.5
S1
30
+1.0/-0
25
+2.0/-0
10.0
±0.5
S2
30
+1.0/-0
30
+2.0/-0
10.0
±0.5
S3
30
+1.0/-0
35
+2.0/-0
10.0
±0.5
S4
30
+1.0/-0
40
+2.0/-0
10.0
±0.5
S5
30
+1.0/-0
45
+2.0/-0
10.0
±0.5
S6
30
+1.0/-0
50
+2.0/-0
10.0
±0.5
S8
30
+1.0/-0
60
+2.0/-0
10.0
±0.5
T1
35
+1.0/-0
25
+2.0/-0
10.0
±0.5
T2
35
+1.0/-0
30
+2.0/-0
10.0
±0.5
T3
35
+1.0/-0
35
+2.0/-0
10.0
±0.5
T4
35
+1.0/-0
40
+2.0/-0
10.0
±0.5
T5
35
+1.0/-0
45
+2.0/-0
10.0
±0.5
T6
35
+1.0/-0
50
+2.0/-0
10.0
±0.5
T8
35
+1.0/-0
60
+2.0/-0
10.0
±0.5


Similar Part No. - ELH338M080AR4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELH338M063AR2AA KEMET-ELH338M063AR2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 3300 uF, 20%, 63 V, -40/85C
More results

Similar Description - ELH338M080AR4

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com