Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA90AA Datasheet(PDF) 2 Page - SanRex Corporation

Part # SCA90AA
Description  THYRISTOR MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SCA90AA Datasheet(HTML) 2 Page - SanRex Corporation

  SCA90AA Datasheet HTML 1Page - SanRex Corporation SCA90AA Datasheet HTML 2Page - SanRex Corporation SCA90AA Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCA(SCE)90AA
Gate Characteristics
ゲートトリガ特性
1
0.1
10
100
1000
100
1
10000
130℃
−40℃
−40℃
25℃
25℃
VGD
Peak Forward Gate Voltage(10V)
定格ピークゲート順電圧
Peak Gate Power(10W)
定格ピークゲート損失
Maximum Gate Non-Trigger Voltage
最小非トリガ電圧
Average Gate Power(1W)
定格ピークゲート損失
Gate Current(mA)
ゲート電流(mA)
ゲート電圧
(V)
Tj=25℃
Tj=25℃
Tj=130℃
Tj=130℃
最大値
Maximum
最大値
Maximum
Maximum Forward Characteristics
最大順特性
On-state Voltage Drop VTM(V)
オン電圧 VTM(V)
100
1000
0.500
1.000
1.500
2.000
2.500
10
オン電
IT
(A)
Electrical Characteristics
 電気的特性
(Unless otherwise specified Tj=25℃/指定なき場合はTj=25℃とする)
Symbol 記号
Item 項 目
Conditions 条 件
Ratings 定格値
Unit 単位
Min.
Typ. Max.
IDRM
Repetitive Peak Off-state Current, max
最大オフ電流
at VDRM, Single phase, half wave
定格ピーク繰返しオフ電圧に於て, 単相半波, Tj=130℃
20
mA
IRRM
*Repetitive Peak Reverse Current, max
*最大逆電流
at VRRM, Single phase, half wave
定格ピーク繰返し逆電圧に於て, 単相半波, Tj=130℃
20
mA
VTM
VFM
*Peak On-state
(Forward)Voltage, max
*最大オン(順)電圧
On-State Current 270A, Inst, measurement
オン(順)電流波高値 270A 瞬時測定
1.7
V
VT(TO)
*Threshold Voltage, max
*最大閾値電圧
Tj
=25℃
1.09
V
Tj
=130℃
0.91
rt
*Dynamic Resistance, max
*最大オン抵抗
Tj
=25℃
2.3
m
Ω
Tj
=130℃
3.2
IGT
Gate Trigger Current, max
最大ゲートトリガ電流
IT
=1A, VD=6V
100
mA
VGT
Gate Trigger Voltage, max
最大ゲートトリガ電圧
IT
=1A, VD=6V
2.5
V
VGD
Non-Trigger Gate Voltage, min
最小ゲート非トリガ電圧
Tj
=130℃, VD=½VDRM
0.25
V
tgt
Turn-on Time
最大ターンオン時間
IT
=90A, IG=100mA, VD=½VDRM, dIG/dt=0.1A/μs
10
μs
dv/dt
Critical Rate of Rise of Off-state Voltage, min
最小臨界オフ電圧上昇率
Tj
=130℃, VD=⅔VDRM, Exponential wave
指数関数波形
1000
V/
μs
IH
Holding Current
代表保持電流
160
mA
IL
Latching Current
代表ラッチング電流
280
mA
Rth
(j-c)
*Thermal Impedance, max
*最大熱抵抗
Junction to case
(per Chip)
接合部―ケース間(per Chip)
0.2
℃/W
Rth
(c-s)
case to fin
(per Chip)
ケース─フィン間(per Chip)
0.22
℃/W
*mark: Thyristor and Diode part, No mark: Thyristor part.
注)上表中*印の項目は、サイリスタ部及びダイオード部の両方に適用します。その他の項目は主にサイリスタ部に適用します。


Similar Part No. - SCA90AA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SCA90CA MCC-SCA90CA Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SCA90AA

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com