Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T55D227M010C0018 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # T55D227M010C0018
Description  vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55D227M010C0018 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button T55D227M010C0018 Datasheet HTML 6Page - Vishay Siliconix T55D227M010C0018 Datasheet HTML 7Page - Vishay Siliconix T55D227M010C0018 Datasheet HTML 8Page - Vishay Siliconix T55D227M010C0018 Datasheet HTML 9Page - Vishay Siliconix T55D227M010C0018 Datasheet HTML 10Page - Vishay Siliconix T55D227M010C0018 Datasheet HTML 11Page - Vishay Siliconix T55D227M010C0018 Datasheet HTML 12Page - Vishay Siliconix T55D227M010C0018 Datasheet HTML 13Page - Vishay Siliconix T55D227M010C0018 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 16-Nov-15
10
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +105 °C
6.8
B
T55B685M016C0200
10.8
8
200
0.80
10
B
T55B106M016C0200
16.0
8
200
0.80
10
B
T55B106M016C0100
16.0
8
100
1.14
15
B
T55B156M016C0150
24.0
8
150
0.93
15
B
T55B156M016C0090
24.0
8
90
1.20
22
B
T55B226M016C0150
35.2
8
150
0.93
22
B
T55B226M016C0070
35.2
8
70
1.36
100
V
T55V107M016C0050
160.0
10
50
1.93
20 VDC AT +105 °C
15
B
T55B156M020C0090
30.0
8
90
1.20
15
B
T55B156M020C0070
30.0
8
70
1.36
25 VDC AT +105 °C
6.8
B
T55B685M025C0100
17.0
8
100
1.14
10
B
T55B106M025C0150
25.0
8
150
0.93
10
B
T55B106M025C0100
25.0
8
100
1.14
15
B (1)
T55B156M025C0100
37.5
8
100
1.14
35 VDC AT +105 °C
6.8
B
T55B685M035C0200
23.8
8
200
0.81
RECOMMENDED VOLTAGE DERATING GUIDELINES
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
2.5
2.3
4.0
3.6
6.3
5.7
10
9.0
16
12.8
20
16
25
20
35
28
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION (W) AT
 +45 °C IN FREE AIR
J
0.050
P
0.064
A
0.115
T
0.105
B
0.130
V
0.187
D
0.225
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
)
MAX. RIPPLE, AT 45 °C
100 kHz IRMS
(A)
Notes
• Termination code “C”: cases J, P: 100 % tin, case A: 100 % tin or Ni/Pd/Au, cases T, B, V, D: Ni/Pd/Au.
(1) In development.


Similar Part No. - T55D227M010C0018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55D227M010C0018 VISHAY-T55D227M010C0018 Datasheet
585Kb / 22P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
Revision: 02-Nov-16
More results

Similar Description - T55D227M010C0018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
T50 VISHAY-T50_V01 Datasheet
647Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T55 VISHAY-T55_V01 Datasheet
706Kb / 27P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T51 VISHAY-T51 Datasheet
648Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance, Vishay Automotive Grade
01-Jan-2023
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
01-Jan-2023
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com