Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250U15F102B2CA Datasheet(PDF) 3 Page - CTS Corporation

Part # 250U15F102B2CA
Description  Commercial 9mm Carbon Composition Rotary Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

250U15F102B2CA Datasheet(HTML) 3 Page - CTS Corporation

  250U15F102B2CA Datasheet HTML 1Page - CTS Corporation 250U15F102B2CA Datasheet HTML 2Page - CTS Corporation 250U15F102B2CA Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 - 3
© 2010 CTS Corporation. All rights reserved. Information subject to change.
05/14/10
CTS
Electrocomponents
www.ctscorp.com
.130
.268
L ±
6.8
3.3
.020
0.5
.039
1.0
.291
.386
9.8
.197
7.4
5.0
.217
5.5
±0.05
3.3±0.05
.323±.002
.130±.002
.098±.002
2.50±0.05
2.1
.083
Ø1.1
Ø.043
+0.2
-0.0
-0
+.008 (3)
-0.0
+.004
-0
+0.1
1.8
.071
8.2
.382±.008
9.7±0.2
.248
6.3
0.8
.031
-0.1
+.0
-.004
+0.0
(3)
.256±.02
6.5±0.5
2.0
.079
-0.1
+.0
-.004
+0.0
.141±.012
3.58±0.3
.098±.002
2.50±0.05
.236
6.0
DIMENSION:
mm
inch
mm
DIMENSION:
inch
Shaft Trim
F - FLATTED
B - KNURLED
4.5
.177
H
24 TEETH
L - KNURLED
40 TEETH
"L" SHAFTS LENGTH
*
15 –15mm(.591")
20 – 20mm(.787")
25 – 25mm(.984")
30 – 30mm(1.181")
* Not available in
bushing construction.
U – PC FORMED TO REAR
B – 6.5mm(.256") HEIGHT, P.C.
X – 10.0mm(.394") HEIGHT, P.C.
Y – 10.0mm(.394") HEIGHT, P.C.
COVER EAR IN FRONT
OF TERMINALS
Ordering Information
250
U
20
F
102
B
1
N
A
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
DETENT
N– NO
DETENT
C– CENTER
DETENT
SHAFTS TRIM
*
B – KNURLED 24 TEETH,
F – FLATTED
L – KNURLED 40 TEETH
* Not available in bushing
construction.
TAPER
1 – LINEAR
2 – CW 10% AUDIO
3 – CCW 10% AUDIO
4 – CW 15% AUDIO
5 – CCW 15% AUDIO
6 – CW 20% AUDIO
7 – CCW 20% AUDIO
8 – CW 30% AUDIO
9 – CCW 30% AUDIO
A – CW 5% AUDIO
B – CCW 5% AUDIO
*
B – WITH BUSHING
BLANK – WITHOUT BUSHING
* U Style terminals only.
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
501
500Ω
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
SPECIALS
TERMINAL STYLE
**
**Not available in
terminal style Y.
250B
4.0
.156
6.0
.236
(2)
(2)
"L" Shaft Length
15mm(.591")
6mm (.236”)
20mm(.787")
7mm (.276”)
25mm(.984")
12mm (.472”)
30mm(1.181")
12mm (.472”)
“H” Dimension
6.0
.236
Ø
Ø
Ø
Ø
Ø
Ø
Ø
Ø


Similar Part No. - 250U15F102B2CA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250U15F102B2CA CTS-250U15F102B2CA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
More results

Similar Description - 250U15F102B2CA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
   9mm Rotary Potentiometer
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com