Electronic Components Datasheet Search |
|
ESW337M100AL7 Datasheet(PDF) 8 Page - Kemet Corporation |
|
ESW337M100AL7 Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 24 page 8 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com A4009_ESW • 1/6/2016 Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC VDC VDC Surge Voltage Rated Capacitance 120 Hz 20°C (µF) Case Size D x L (mm) DF 120 Hz 20°C (tan δ %)1 Z 100 kHZ 20ºC (Ω) RC 100 kHz 105°C (mA) LC 20ºC 2 Minutes (µA) Part Number 25 32 1500 13 x 25 14 0.027 2230 375.0 ESW158M025AL4(1) 25 32 1800 13 x 30 14 0.024 2650 450.0 ESW188M025AL8(1) 25 32 1800 16 x 20 14 0.027 2530 450.0 ESW188M025AM5(1) 25 32 2200 13 x 35 14 0.020 2880 550.0 ESW228M025AL6(1) 25 32 2200 18 x 20 14 0.026 2860 550.0 ESW228M025AN4(1) 25 32 2700 13 x 40 14 0.017 3350 675.0 ESW278M025AL7(1) 25 32 2700 16 x 25 14 0.021 2930 675.0 ESW278M025AM7(1) 25 32 3300 16 x 32 14 0.017 3450 825.0 ESW338M025AM2(1) 25 32 3300 18 x 25 14 0.019 3140 825.0 ESW338M025AN5(1) 25 32 3900 18 x 32 14 0.015 4170 975.0 ESW398M025AN1(1) 25 32 4700 18 x 36 14 0.014 4220 1175.0 ESW478M025AN2(1) 25 32 6800 18 x 40 14 0.012 4280 1700.0 ESW688M025AN3(1) 35 44 4.7 5 x 11 12 2.400 95 3.0 ESW475M035AC3(1) 35 44 10 5 x 11 12 1.600 130 3.0 ESW106M035AC3(1) 35 44 33 5 x 11 12 0.580 210 12.0 ESW336M035AC3(1) 35 44 47 6.3 x 11 12 0.390 275 16.0 ESW476M035AE3(1) 35 44 56 6.3 x 11 12 0.220 340 20.0 ESW566M035AE3(1) 35 44 68 6.3 x 15 12 0.170 500 29.0 ESW686M035AE4(1) 35 44 82 6.3 x 15 12 0.160 540 29.0 ESW826M035AE4(1) 35 44 100 8 x 11 12 0.150 580 35.0 ESW107M035AG3(1) 35 44 150 8 x 11 12 0.130 640 52.0 ESW157M035AG3(1) 35 44 220 *8 x 15 12 0.087 840 77.0 ESW227M035AG4(1) 35 44 220 10 x 12.5 12 0.080 865 77.0 ESW227M035AH9(1) 35 44 270 8 x 20 12 0.069 1050 95.0 ESW277M035AG6(1) 35 44 330 *10 x 16 12 0.060 1210 115.0 ESW337M035AH8(1) 35 44 330 10 x 20 12 0.046 1400 115.0 ESW337M035AH4(1) 35 44 470 10 x 20 12 0.046 1400 164.0 ESW477M035AH4(1) 35 44 470 13 x 16 12 0.049 1450 164.0 ESW477M035AL2(1) 35 44 560 10 x 25 12 0.042 1650 196.0 ESW567M035AH5(1) 35 44 680 10 x 30 12 0.031 1910 238.0 ESW687M035AH6(1) 35 44 680 13 x 20 12 0.035 1900 238.0 ESW687M035AL3(1) 35 44 680 16 x 16 12 0.042 1940 238.0 ESW687M035AM8(1) 35 44 820 13 x 20 12 0.035 1900 287.0 ESW827M035AL3(1) 35 44 1000 13 x 25 12 0.027 2230 350.0 ESW108M035AL4(1) 35 44 1000 18 x 16 12 0.043 2210 350.0 ESW108M035AN6(1) 35 44 1200 13 x 30 12 0.024 2650 420.0 ESW128M035AL8(1) 35 44 1200 16 x 20 12 0.027 2530 420.0 ESW128M035AM5(1) 35 44 1500 13 x 35 12 0.020 2880 525.0 ESW158M035AL6(1) 35 44 1800 13 x 40 12 0.017 3350 630.0 ESW188M035AL7(1) 35 44 1800 16 x 25 12 0.021 2930 630.0 ESW188M035AM7(1) 35 44 1800 18 x 20 12 0.026 2860 630.0 ESW188M035AN4(1) 35 44 2200 16 x 32 12 0.017 3450 770.0 ESW228M035AM2(1) 35 44 2200 18 x 25 12 0.019 3140 770.0 ESW228M035AN5(1) 35 44 2700 16 x 36 12 0.015 3610 945.0 ESW278M035AM3(1) 35 44 2700 18 x 32 12 0.015 4170 945.0 ESW278M035AN1(1) 35 44 3300 16 x 40 12 0.013 4080 1155.0 ESW338M035AM4(1) 35 44 3300 18 x 36 12 0.014 4220 1155.0 ESW338M035AN2(1) 35 44 4700 18 x 40 12 0.012 4280 1645.0 ESW478M035AN3(1) 50 63 2.2 5 x 11 10 2.280 85 3.0 ESW225M050AC3(1) 50 63 4.7 5 x 11 10 2.000 100 3.0 ESW475M050AC3(1) 50 63 10 5 x 11 10 1.200 135 5.0 ESW106M050AC3(1) 50 63 22 5 x 11 10 0.700 180 11.0 ESW226M050AC3(1) 50 63 33 6.3 x 11 10 0.490 245 16.0 ESW336M050AE3(1) 50 63 47 6.3 x 11 10 0.520 300 23.0 ESW476M050AE3(1) 50 63 56 6.3 x 15 10 0.300 295 28.0 ESW566M050AE4(1) 50 63 100 8 x 11 10 0.170 555 50.0 ESW107M050AG3(1) VDC VDC Surge Rated Capacitance Case Size DF Z RC LC Part Number Table 1 – Ratings & Part Number Reference cont'd (1) Insert packaging code. See Ordering Options Table for available options. 1 When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF. * Dimension is down size, Endurance will be less 1,000 hours than standard. |
Similar Part No. - ESW337M100AL7 |
|
Similar Description - ESW337M100AL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |