Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F462BE223J2K5C Datasheet(PDF) 3 Page - Kemet Corporation

Part # F462BE223J2K5C
Description  General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F462BE223J2K5C Datasheet(HTML) 3 Page - Kemet Corporation

  F462BE223J2K5C Datasheet HTML 1Page - Kemet Corporation F462BE223J2K5C Datasheet HTML 2Page - Kemet Corporation F462BE223J2K5C Datasheet HTML 3Page - Kemet Corporation F462BE223J2K5C Datasheet HTML 4Page - Kemet Corporation F462BE223J2K5C Datasheet HTML 5Page - Kemet Corporation F462BE223J2K5C Datasheet HTML 6Page - Kemet Corporation F462BE223J2K5C Datasheet HTML 7Page - Kemet Corporation F462BE223J2K5C Datasheet HTML 8Page - Kemet Corporation F462BE223J2K5C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3028_F461-464 • 5/3/2016
3
Film Capacitors
General Purpose, Pulse and DC Transient Suppression – F461 – 464 Series Single Metallized Polypropylene Film
Ordering Options Table cont'd
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
22.5
Standard Lead and Packaging Options
Pizza – Long Leads
17 +0/-1
ZLH0J
Pizza Pack
4 +2/-0
Z
Other Lead and Packaging Options
Pizza – Short Leads
3.2 +0.3/-0.2
ZL32K
Tape & Reel (Standard Reel)
H0= 18.5 +/-0.5
L
Tape & Reel (Large Reel)
H0= 18.5 +/-0.5
P
Ammo Pack
H0= 18.5 +/-0.5
R
27.5
Standard Lead and Packaging Options
Pizza – Long Leads
17 +0/-1
ZLH0J
Other Lead and Packaging Options
Pizza Pack
4 +2/-0
Z
Pizza – Short Leads
3.2 +0.3/-0.2
ZL32K
37.5
Standard Lead and Packaging Options
Pizza – Long Leads
17 +0/-1
ZLH0J
Other Lead and Packaging Options
Pizza Pack
4 +2/-0
Z
Pizza – Short Leads
3.2 +0.3/-0.2
ZL32K


Similar Part No. - F462BE223J2K5C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F462BY104J1L2A KEMET-F462BY104J1L2A Datasheet
56Kb / 1P
   F462, Film, Metallized Polypropylene, Commercial Grade, 0.1 uF, 5%, 1,250 V, 85C, Lead Spacing = 15mm
F462BY473J1K6A KEMET-F462BY473J1K6A Datasheet
56Kb / 1P
   F462, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
More results

Similar Description - F462BE223J2K5C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com