Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F462JE223K2K5C Datasheet(PDF) 11 Page - Kemet Corporation

Part # F462JE223K2K5C
Description  General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F462JE223K2K5C Datasheet(HTML) 11 Page - Kemet Corporation

Back Button F462JE223K2K5C Datasheet HTML 7Page - Kemet Corporation F462JE223K2K5C Datasheet HTML 8Page - Kemet Corporation F462JE223K2K5C Datasheet HTML 9Page - Kemet Corporation F462JE223K2K5C Datasheet HTML 10Page - Kemet Corporation F462JE223K2K5C Datasheet HTML 11Page - Kemet Corporation F462JE223K2K5C Datasheet HTML 12Page - Kemet Corporation F462JE223K2K5C Datasheet HTML 13Page - Kemet Corporation F462JE223K2K5C Datasheet HTML 14Page - Kemet Corporation F462JE223K2K5C Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3028_F461-464 • 5/3/2016 11
Film Capacitors
General Purpose, Pulse and DC Transient Suppression – F461 – 464 Series Single Metallized Polypropylene Film
VDC
VAC
Capacitance
Value (µF) Size Code
Max Dimensions in mm Lead Spacing
(p)
dV/dt
(V/µs)
Part Number
B
H
L
250
160
0.1
KJ
5.0
10.5
10.0
7.5
650
F461KJ104(1)250(2)
250
160
0.12
KM
6.0
12.0
10.5
7.5
650
F461KM124(1)250(2)
250
160
0.15
KM
6.0
12.0
10.5
7.5
650
F461KM154(1)250(2)
250
160
0.068
AG
4.0
9.0
13.0
10.0
550
F461AG683(1)250(2)
250
160
0.082
AG
4.0
9.0
13.0
10.0
550
F461AG823(1)250(2)
250
160
0.1
AG
4.0
9.0
13.0
10.0
550
F461AG104(1)250(2)
250
160
0.12
AK
5.0
11.0
13.0
10.0
550
F461AK124(1)250(2)
250
160
0.15
AK
5.0
11.0
13.0
10.0
550
F461AK154(1)250(2)
250
160
0.18
AK
5.0
11.0
13.0
10.0
550
F461AK184(1)250(2)
250
160
0.22
AK
5.0
11.0
13.0
10.0
550
F461AK224(1)250(2)
250
160
0.27
AP
6.0
12.0
13.0
10.0
550
F461AP274(1)250(2)
250
160
0.1
BB
4.0
10.0
18.0
15.0
300
F461BB104(1)250(2)
250
160
0.12
BB
4.0
10.0
18.0
15.0
300
F461BB124(1)250(2)
250
160
0.15
BB
4.0
10.0
18.0
15.0
300
F461BB154(1)250(2)
250
160
0.18
BB
4.0
10.0
18.0
15.0
300
F461BB184(1)250(2)
250
160
0.22
BC
5.0
11.0
18.0
15.0
300
F461BC224(1)250(2)
250
160
0.27
BC
5.0
11.0
18.0
15.0
300
F461BC274(1)250(2)
250
160
0.33
BG
6.0
12.0
18.0
15.0
300
F461BG334(1)250(2)
250
160
0.39
BK
7.5
13.5
18.0
15.0
300
F461BK394(1)250(2)
250
160
0.47
BK
7.5
13.5
18.0
15.0
300
F461BK474(1)250(2)
250
160
0.56
BK
7.5
13.5
18.0
15.0
300
F461BK564(1)250(2)
250
160
0.68
BP
8.5
14.5
18.0
15.0
300
F461BP684(1)250(2)
250
160
0.82
BP
8.5
14.5
18.0
15.0
300
F461BP824(1)250(2)
250
160
1.0
BS
10.0
16.0
18.0
15.0
300
F461BS105(1)250(2)
250
160
1.2
BY
11.0
19.0
18.0
15.0
300
F461BY125(1)250(2)
250
160
1.5
BY
11.0
19.0
18.0
15.0
300
F461BY155(1)250(2)
250
160
1.8
BY
11.0
19.0
18.0
15.0
300
F461BY185(1)250(2)
250
160
0.47
DB
6.0
14.5
26.0
22.5
125
F461DB474(1)250(2)
250
160
0.56
DB
6.0
14.5
26.0
22.5
125
F461DB564(1)250(2)
250
160
0.68
DB
6.0
14.5
26.0
22.5
125
F461DB684(1)250(2)
250
160
0.82
DI
7.0
16.0
26.0
22.5
125
F461DI824(1)250(2)
250
160
1.0
DI
7.0
16.0
26.0
22.5
125
F461DI105(1)250(2)
250
160
1.2
DH
8.0
16.0
26.0
22.5
125
F461DH125(1)250(2)
250
160
1.5
DM
9.0
18.5
26.0
22.5
125
F461DM155(1)250(2)
250
160
1.8
DM
9.0
18.5
26.0
22.5
125
F461DM185(1)250(2)
250
160
2.2
DO
10.0
18.5
26.0
22.5
125
F461DO225(1)250(2)
250
160
2.7
DU
13.0
22.0
26.0
22.5
125
F461DU275(1)250(2)
250
160
3.3
DU
13.0
22.0
26.0
22.5
125
F461DU335(1)250(2)
250
160
3.9
DY
15.5
24.5
26.0
22.5
125
F461DY395(1)250(2)
250
160
4.7
DY
15.5
24.5
26.0
22.5
125
F461DY475(1)250(2)
250
160
5.6
DY
15.5
24.5
26.0
22.5
125
F461DY565(1)250(2)
250
160
1.5
FB
9.0
17.0
31.5
27.5
100
F461FB155(1)250(2)
250
160
1.8
FB
9.0
17.0
31.5
27.5
100
F461FB185(1)250(2)
250
160
2.2
FC
11.0
20.0
31.5
27.5
100
F461FC225(1)250(2)
250
160
2.7
FC
11.0
20.0
31.5
27.5
100
F461FC275(1)250(2)
250
160
3.3
FC
11.0
20.0
31.5
27.5
100
F461FC335(1)250(2)
250
160
3.9
FI
13.0
25.0
31.5
27.5
100
F461FI395(1)250(2)
250
160
4.7
FI
13.0
25.0
31.5
27.5
100
F461FI475(1)250(2)
250
160
5.6
FN
14.0
28.0
31.5
27.5
100
F461FN565(1)250(2)
250
160
6.8
FR
17.5
28.0
31.5
27.5
100
F461FR685(1)250(2)
250
160
8.2
FS
19.0
29.0
31.5
27.5
100
F461FS825(1)250(2)
250
160
10.0
FY
22.0
37.0
31.5
27.5
100
F461FY106(1)250(2)
250
160
12.0
FY
22.0
37.0
31.5
27.5
100
F461FY126(1)250(2)
250
160
15.0
FY
22.0
37.0
31.5
27.5
100
F461FY156(1)250(2)
250
160
3.3
RB
11.0
22.0
41.0
37.5
40
F461RB335(1)250(2)
250
160
3.9
RB
11.0
22.0
41.0
37.5
40
F461RB395(1)250(2)
250
160
4.7
RB
11.0
22.0
41.0
37.5
40
F461RB475(1)250(2)
250
160
5.6
RF
13.0
24.0
41.0
37.5
40
F461RF565(1)250(2)
250
160
6.8
RF
13.0
24.0
41.0
37.5
40
F461RF685(1)250(2)
250
160
8.2
RH
15.0
26.0
41.0
37.5
40
F461RH825(1)250(2)
VDC
VAC
Capacitance
Value (µF)
Size Code
B (mm)
H (mm)
L (mm)
Lead Spacing (p)
dV/dt (V/µs)
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) J = 5%, K = 10%, other tolerances on request.
(2) Insert lead and packaging code. See Ordering Options Table for available options.


Similar Part No. - F462JE223K2K5C

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4620 FOX-F4620 Datasheet
222Kb / 2P
   LVE-PECL 7x5mm 2.5V Oscillator
F4620R FOX-F4620R Datasheet
222Kb / 2P
   LVE-PECL 7x5mm 2.5V Oscillator
logo
Integrated Technology F...
F4621 ITF-F4621 Datasheet
312Kb / 7P
   SAW Bandpass Filter
F4623 ITF-F4623 Datasheet
306Kb / 8P
   SAW Bandpass Filter
logo
Fox Electronics
F4625 FOX-F4625 Datasheet
222Kb / 2P
   LVE-PECL 7x5mm 2.5V Oscillator
More results

Similar Description - F462JE223K2K5C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com