Electronic Components Datasheet Search |
|
FFWE4H0356KJ7 Datasheet(PDF) 4 Page - AVX Corporation |
|
FFWE4H0356KJ7 Datasheet(HTML) 4 Page - AVX Corporation |
4 / 4 page JUNE 2015 ■ 27 Medium Power Film Capacitors FFVE/FFVI (FFWE/FFWI RoHS Compliant) Working temperature -40°C to +105°C (according to the power to be dissipated) Capacitance range 47μF to 275μF Capacitance tolerance ±10% Rated DC voltage 500 to 1100V Test voltage between terminals @ 25°C 1.25 x Vndc 10s Insulation voltage between shorted terminals and earth 7 kVrms/60sec/50Hz Dielectric Polypropylene ELECTRICAL CHARACTERISTICS – FFVI/FFWI POLYPROPYLENE DIELECTRIC Dimensions millimeters (inches) LIFETIME EXPECTANCY FOR FFVI Vw: permanent working or operating DC-voltage. 50 °C 70 °C 85 °C 95 °C 105 °C 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 100 1000 10000 Lifetime Expectancy (hours) 100000 RATINGS AND PART NUMBER REFERENCE – POLYPROPYLENE DIELECTRIC Part Number* Capacitance Height Irms max. Ls max. Rs Rth Typical (μF) (A) (nH) (m ) (°C/W) Weight (g) Vndc 500 volts (Voltage Code J) FFVI6J1256K-- 125 40 (1.575) 90 25 0.6 5.0 350 FFVI6J0207K-- 200 51 (2.008) 90 32 0.8 6.7 420 FFVI6J2756K-- 275 64 (2.520) 90 40 0.9 8.7 500 Vndc 700 volts (Voltage Code A) FFVI6A0107K-- 100 40 (1.575) 100 25 0.6 4.8 350 FFVI6A0157K-- 150 51 (2.008) 100 32 0.9 6.9 420 FFVI6A0227K-- 220 64 (2.520) 100 40 1.0 8.4 500 Vndc 900 volts (Voltage Code C) FFVI6C0666K-- 66 40 (1.575) 100 25 0.7 4.7 350 FFVI6C0107K-- 100 51 (2.008) 90 32 1.0 6.7 420 FFVI6C0147K-- 140 64 (2.520) 100 40 1.3 8.4 500 Vndc 1100 volts (Voltage Code L) FFVI6L0476K-- 47 40 (1.575) 100 25 0.8 4.6 350 FFVI6L0706K-- 70 51 (2.008) 100 32 1.2 6.7 420 FFVI6L0107K-- 100 64 (2.520) 90 40 1.1 8.2 500 |
Similar Part No. - FFWE4H0356KJ7 |
|
Similar Description - FFWE4H0356KJ7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |