Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C32AN-10SQ-2.7 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C32AN-10SQ-2.7
Description  2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32AN-10SQ-2.7 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C32AN-10SQ-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C32AN-10SQ-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C32AN-10SQ-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C32AN-10SQ-2.7 Datasheet HTML 9Page - ATMEL Corporation AT24C32AN-10SQ-2.7 Datasheet HTML 10Page - ATMEL Corporation AT24C32AN-10SQ-2.7 Datasheet HTML 11Page - ATMEL Corporation AT24C32AN-10SQ-2.7 Datasheet HTML 12Page - ATMEL Corporation AT24C32AN-10SQ-2.7 Datasheet HTML 13Page - ATMEL Corporation AT24C32AN-10SQ-2.7 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
AT24C32A/64A
3054N–SEEPR–2/04
Read Operations
Read operations are initiated the same way as write operations with the exception that
the read/write select bit in the device address word is set to one. There are three read
operations: current address read, random address read and sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the
last address accessed during the last read or write operation, incremented by one. This
address stays valid between operations as long as the chip power is maintained. The
address “roll over” during read is from the last byte of the last memory page, to the first
byte of the first page. The address “roll over” during write is from the last byte of the cur-
rent page to the first byte of the same page.
Once the device address with the read/write select bit set to one is clocked in and
acknowledged by the EEPROM, the current address data word is serially clocked out.
The microcontroller does not respond with an input zero but does generate a following
stop condition (refer to Figure 4).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the
data word address. Once the device address word and data word address are clocked
in and acknowledged by the EEPROM, the microcontroller must generate another start
condition. The microcontroller now initiates a current address read by sending a device
address with the read/write select bit high. The EEPROM acknowledges the device
address and serially clocks out the data word. The microcontroller does not respond
with a zero but does generate a following stop condition (refer to Figure 5).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or
a random address read. After the microcontroller receives a data word, it responds with
an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to
increment the data word address and serially clock out sequential data words. When the
memory address limit is reached, the data word address will “roll over” and the sequen-
tial read will continue. The sequential read operation is terminated when the
microcontroller does not respond with a zero but does generate a following stop condi-
tion (refer to Figure 6).


Similar Part No. - AT24C32AN-10SQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32AN-10SQ-2.7 ATMEL-AT24C32AN-10SQ-2.7 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT24C32AN-10SQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
logo
AiT Semiconductor Inc.
A24C32 AITSEMI-A24C32 Datasheet
811Kb / 21P
   MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE
REV4.1
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com