Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFWE6J0189KJE Datasheet(PDF) 2 Page - AVX Corporation

Part # FFWE6J0189KJE
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFWE6J0189KJE Datasheet(HTML) 2 Page - AVX Corporation

  FFWE6J0189KJE Datasheet HTML 1Page - AVX Corporation FFWE6J0189KJE Datasheet HTML 2Page - AVX Corporation FFWE6J0189KJE Datasheet HTML 3Page - AVX Corporation FFWE6J0189KJE Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JUNE 2015
25
Medium Power Film Capacitors
FFVE/FFVI (FFWE/FFWI RoHS Compliant)
*Change “--” to “JE” for female connectors M5 x 7.5mm
LIFETIME EXPECTANCY
FFVE POLYESTER
50
°C
60
°C
70
°C
85
°C
95
°C
105
°C
1.5
1.4
1.3
1.2
1.1
1.0
0.4
0.5
0.6
0.7
0.8
0.9
100
1000
10000
Lifetime Expectancy (hours)
100000
1000000
Vw: permanent working or operating DC voltage.
Working temperature
-40°C to +105°C (according to the power to be dissipated)
Capacitance range
100μF to 400μF
Capacitance tolerance
±10%
Rated DC voltage
300 to 400 V
Test voltage between terminals @ 25°C
1.5 x Vndc 10s
Insulation voltage between
shorted terminals and earth
7 kVrms/60sec/50Hz
Dielectric
Polyester
ELECTRICAL CHARACTERISTICS – FFVE/FFWE POLYESTER DIELECTRIC
Dimensions millimeters (inches)
RATINGS AND PART NUMBER REFERENCE – POLYESTER DIELECTRIC
Part Number*
Capacitance
Height
Irms max.
Ls max.
Rs
Rth
Typical
(μF)
(A)
(nH)
(m )
(°C/W)
Weight (g)
Vndc 300 volts
(Voltage Code H)
FFVE4H0187K--
180
34 (1.339)
100
18
0.8
4.7
300
FFVE4H1956K--
195
34 (1.339)
100
18
0.8
4.4
300
FFVE4H0257K--
250
40 (1.575)
100
25
0.6
5.2
350
FFVE4H0357K--
350
51 (2.008)
100
32
0.8
7.2
420
FFVE4H0407K--
400
51 (2.008)
110
32
0.8
7.1
420
Vndc 400 volts
(Voltage Code I)
FFVE4I0107K--
100
34 (1.339)
80
18
0.7
4.7
300
FFVE4I0127K--
120
34 (1.339)
100
18
0.6
4.1
300
FFVE4I0157K--
150
40 (1.575)
100
25
0.7
5.0
350
FFVE4I0187K--
180
51 (2.008)
80
32
1.0
8.5
420
FFVE4I0227K--
220
51 (2.008)
100
32
0.9
7.2
420


Similar Part No. - FFWE6J0189KJE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFWE6J0187K AVX-FFWE6J0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FFWE6J0187K-- AVX-FFWE6J0187K-- Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFWE6J0187K7X AVX-FFWE6J0187K7X Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFWE6J0187KJ7 AVX-FFWE6J0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFWE6J0187KJE AVX-FFWE6J0187KJE Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
More results

Similar Description - FFWE6J0189KJE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com