Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELH158M160AT3 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ELH158M160AT3
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH158M160AT3 Datasheet(HTML) 1 Page - Kemet Corporation

  ELH158M160AT3 Datasheet HTML 1Page - Kemet Corporation ELH158M160AT3 Datasheet HTML 2Page - Kemet Corporation ELH158M160AT3 Datasheet HTML 3Page - Kemet Corporation ELH158M160AT3 Datasheet HTML 4Page - Kemet Corporation ELH158M160AT3 Datasheet HTML 5Page - Kemet Corporation ELH158M160AT3 Datasheet HTML 6Page - Kemet Corporation ELH158M160AT3 Datasheet HTML 7Page - Kemet Corporation ELH158M160AT3 Datasheet HTML 8Page - Kemet Corporation ELH158M160AT3 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
One world. One KEMET
Benefits
• Suited for high quality, high reliability applications
• Low impedance
• Operating temperature of up to 85°C
• 2,000 hour operating life
• RoHS Compliant and lead-free
Overview
KEMET's ELH Series of aluminum electrolytic snap-in capacitors
are designed with snap-lock terminals for printed circuit board
mounting. The case is aluminum with an insulated sleeve and
safety vent at the bottom.
Applications
Typical applications include general purpose power electronics,
UPS, SMPS and battery chargers.
Snap-In Aluminum Electrolytic Capacitors
ELH Series, +85ºC
Part Number System
ELH
159
M
6R3
A
Q1
AA
Series
Capacitance Code
(pF)
Tolerance
Rated Voltage
(VDC)
Electrical
Parameters
Size Code
Packaging
Snap-In
Aluminum
Electrolytic
First two digits
represent
significant figures
for capacitance
values. Last digit
specifies the
number of zeros
to be added.
M = ±20%
6R3 = 6.3
010 = 10
016 = 16
025 = 25
035 = 35
050 = 50
063 = 63
080 = 80
100 = 100
160 = 160
180 = 180
200 = 200
250 = 250
350 = 350
400 = 400
420 = 420
450 = 450
500 = 500
A = Standard
See Dimension
Table
See Ordering
Options Table
Ordering Options Table
Packaging Type
Lead Length (mm)
Lead and
Packaging Code
Standard Bulk Packaging Options
Bulk (box)
5.8 ± 1.0
AA
Bulk (box)
4.0 ± 0.2
AV
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - ELH158M160AT3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELH158M200AT4AA KEMET-ELH158M200AT4AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 1500 uF, 20%, 200 V, -25/85C
More results

Similar Description - ELH158M160AT3

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com