Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1839100510251R Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MKP1839100510251R
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839100510251R Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKP1839100510251R Datasheet HTML 4Page - Vishay Siliconix MKP1839100510251R Datasheet HTML 5Page - Vishay Siliconix MKP1839100510251R Datasheet HTML 6Page - Vishay Siliconix MKP1839100510251R Datasheet HTML 7Page - Vishay Siliconix MKP1839100510251R Datasheet HTML 8Page - Vishay Siliconix MKP1839100510251R Datasheet HTML 9Page - Vishay Siliconix MKP1839100510251R Datasheet HTML 10Page - Vishay Siliconix MKP1839100510251R Datasheet HTML 11Page - Vishay Siliconix MKP1839100510251R Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MKP1839
www.vishay.com
Vishay Roederstein
Revision: 10-Dec-13
8
Document Number: 26022
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function
of the free air ambient temperature.
The power dissipation can be calculated according type detail specification “HQN-384-01/101: Technical Information Film
Capacitors with the typical tgd of the curves”.
The component temperature rise (
T) can be measured (see section “Measuring the component temperature” for more details)
or calculated by
T = P/G:
T = Component temperature rise (°C)
• P = Power dissipation of the component (mW)
• G = Heat conductivity of the component (mW/°C)
MEASURING THE COMPONENT TEMPERATURE
A thermocouple must be attached to the capacitor body as in:
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC).
The temperature rise is given by
T = T
C - Tamb.
To avoid radiation or convection, the capacitor should be tested in a wind-free box.
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as
described hereunder. These mains applications are strictly regulated in safety standards and therefore electromagnetic
interference suppression capacitors conforming the standards must be used.
To select the capacitor for a certain application, the following conditions must be checked:
1. The peak voltage (UP) shall not be greater than the rated DC voltage (URDC)
2. The peak-to-peak voltage (UP-P) shall not be greater than the maximum (UP-P) to avoid the ionization inception level
3. The voltage peak slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and without
ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by URDC and
divided by the applied voltage.
For all other pulses following equation must be fulfilled:
T is the pulse duration.
4. The maximum component surface temperature rise must be lower than the limits (see graph “Max. allowed component
temperature rise”).
5. Since in circuits used at voltages over 280 V peak-to-peak the risk for an intrinsically active flammability after a capacitor
breakdown (short circuit) increases, it is recommended that the power to the component is limited to 100 times the values
mentioned in the table: “Heat conductivity”
6. When using these capacitors as across-the-line capacitor in the input filter for mains applications or as series connected
with an impedance to the mains the applicant must guarantee that the following conditions are fulfilled in any case (spikes
and surge voltages from the mains included).
VOLTAGE CONDITIONS FOR 6 ABOVE
ALLOWED VOLTAGES
Tamb  85 °C
85 °C < Tamb  100 °C
Maximum continuous RMS voltage
URAC
URAC
Maximum temperature RMS-overvoltage (< 24 h)
1.25 x URAC
1.25 x URAC
Maximum peak voltage (VO-P) (< 2 s)
1.6 x URDC
1.1 x URDC
Thermocouple
2 x
dU
dt
-------

 2
0
T
x dt
U
RDC
dU
dt
--------


rated


Similar Part No. - MKP1839100510251R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839 VISHAY-MKP1839 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839-422-403-G VISHAY-MKP1839-422-403-G Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-422-403-R VISHAY-MKP1839-422-403-R Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-522-403 VISHAY-MKP1839-522-403 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1839100510251R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com