Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELH187M180AQ7 Datasheet(PDF) 4 Page - Kemet Corporation

Part # ELH187M180AQ7
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH187M180AQ7 Datasheet(HTML) 4 Page - Kemet Corporation

  ELH187M180AQ7 Datasheet HTML 1Page - Kemet Corporation ELH187M180AQ7 Datasheet HTML 2Page - Kemet Corporation ELH187M180AQ7 Datasheet HTML 3Page - Kemet Corporation ELH187M180AQ7 Datasheet HTML 4Page - Kemet Corporation ELH187M180AQ7 Datasheet HTML 5Page - Kemet Corporation ELH187M180AQ7 Datasheet HTML 6Page - Kemet Corporation ELH187M180AQ7 Datasheet HTML 7Page - Kemet Corporation ELH187M180AQ7 Datasheet HTML 8Page - Kemet Corporation ELH187M180AQ7 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Test Method & Performance
Conditions
Load Life Test
Shelf Life Test
Temperature
85°C
85°C
Test Duration
2,000 hours
1,000 hours
Ripple Current
Maximum ripple current specified at 120 kHz 85°C
specified in table
No ripple current applied
Voltage
The sum of DC voltage and the peak AC voltage must
not exceed the rated voltage of the capacitor
No voltage applied
Performance
The following specifications will be satisfied when the capacitor is restored to 20°C:
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Does not exceed 200% of the specified value
Does not exceed 200% of the specified value
Leakage Current
Does not exceed specified value
Shelf Life
The capacitance, ESR and impedance of a capacitor will not change significantly after extended storage periods, however the leakage
current will very slowly increase.
KEMET's E-series aluminum electrolytic capacitors should not be stored in high temperatures or where there is a high level of humidity.
The suitable storage condition for KEMET's E-series aluminum electrolytic capacitors is +5 to +35ºC and less than 75% in relative
humidity.
KEMET's E-series aluminum electrolytic capacitors should not be stored in damp conditions such as water, saltwater spray or oil spray.
KEMET's E-series aluminum electrolytic capacitors should not be stored in an environment full of hazardous gas (hydrogen sulphide ,
sulphurous acid gas, nitrous acid, chlorine gas, ammonium, etc.)
KEMET's E-series aluminum electrolytic capacitors should not be stored under exposure to ozone, ultraviolet rays or radiation.
If a capacitor has been stored for more than 18 months under these conditions and it shows increased leakage current, then a
treatment by voltage application is recommended.
Re-age (Reforming) Procedure
Apply the rated voltage to the capacitor at room temperature for a period of one hour, or until the leakage current has fallen to a steady
value below the specified limit. During re-aging a maximum charging current of twice the specified leakage current or 5 mA (whichever
is greater) is suggested.


Similar Part No. - ELH187M180AQ7

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELH107M400AQ2AA KEMET-ELH107M400AQ2AA Datasheet
57Kb / 1P
   ELH, Aluminum Electrolytic, 85C, 100 uF, 20%, 400 V, -25/85C
ELH107M450AR2AA KEMET-ELH107M450AR2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 100 uF, 20%, 450 V, -25/85C
ELH109M016AQ2AA KEMET-ELH109M016AQ2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 0.01 F, 20%, 16 V, -40/85C
ELH109M035AR4AA KEMET-ELH109M035AR4AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 0.01 F, 20%, 35 V, -40/85C
ELH109M050AS5AA KEMET-ELH109M050AS5AA Datasheet
56Kb / 1P
   ELH, Aluminum Electrolytic, 85C, 0.01 F, 20%, 50 V, -40/85C
More results

Similar Description - ELH187M180AQ7

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com