Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACD150-24 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD150-24
Description  150 Watt Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD150-24 Datasheet(HTML) 1 Page - Recom International Power

  RACD150-24 Datasheet HTML 1Page - Recom International Power RACD150-24 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
RACD150
LIGHTLINE
AC/DC-Converter
with 5 Year Warranty
150 Watt
Single
Output
Universal AC Input
Constant Voltage / Constant Current Operation
CE and UL Certified Class I LED Driver
Active Power Factor Correction
IP67 Design for Indoor and Outdoor Use
Cooling by Free Air Convection
Features
LED DRIVER
UL 8750 Certified
EN 61347 Certified
E340696
RoHS
2011/65/EU
6/6
Note:
The use of a circuit breaker with
C-characteristic is recommended.
All LED Drivers may not be used without
a load. They must be switched on the
primary side only. Noncompliance may
damage the LED or reduce its lifetime.
Selection Guide
Part
CV Mode
CC Mode
Efficiency
Constant Voltage Current Range
DC Voltage Range Constant Current
(230VAC)
(V)
(A)
(V)
(A)
(typ.)
RACD150-12
12
0-11
9-12
11
88%
RACD150-24
24
0-6.3
14-24
6.3
90%
RACD150-36
36
0-4.2
26-36
4.2
90%
RACD150-48
48
0-3.2
34-48
3.2
90%
Input Voltage Range
90-305 VAC or 127-430VDC
Input Frequency Range
47-63Hz.
Power Factor
Full Load, 115VAC
>0.98
Full Load, 230VAC
>0.95
Full Load, 277VAC
>0.94
THD
Full Load, 115VAC
8% max.
AC Current
115VAC
2A max.
230VAC
1A max.
Input / Output Isolation
3.75kVAC / 1minute
Input / Case Isolation
1.8kVAC / 1minute
Output / Case Isolation
0.5kVAC / 1minute
Leakage Current
230VAC
<0.5mA
Current Tolerance
±5%
Voltage Tolerance
-1% to 5%
Start-up Time
115VAC
1.0s
(@ Full Load)
230VAC / 277VAC
0.8s
Ripple & Noise
48V Version
200mV max.
others
150mV max.
(with 20MHz bandwidth & 47μF Elco + 0.1μF MLCC)
Over Current Protection
95%-105% rated current
Auto-Recovery
Short Circuit Protection
Hiccup Mode
Over Voltage Protection
12V
12.5V typ.
Latch Mode
24V
24.5V typ.
(Power off to recover)
36V
36.5V typ.
48V
48.5V typ.
Over Temperature Protection
Tcase 95°C ±10°C
Operating Temperature Range
without derating
-30°C to +50°C (see graph)
(free air convection, according to CE/UL)
Case Temperature
90°C max.
Operation Humidity
20%-90% RH Non-Condensing
Storage Temperature
-40°C to +80°C
Storage Humidity
10%-90% RH
Vibration
10-500Hz, 2G, 60 Min. along X, Y and Z
IP Rating
IP67
Safety Standards
UL/cUL LED Lighting Safety (E340696)
cUL8750
CE LVD Directive, Safety
EN61347-2-13
CB
Report: 12CA61289-1
IEC61347-2-13
EMC Standards
EMC Compatibility
EN55015
FCC, Part 15
Harmonic Current
EN61000-3-2 Class C (75% load)
EN61000-3-3
EMC Immunity
EN61000-4-2, 3, 4, 5, 6, 11
Dimension
222*68*39mm
Weight
1080g
MTBF
using MIL-HDBK-217F (25°C)
200 x 10³ hours
Design Lifetime
70 x 10³ hours
Refer to Application Notes
L-64
www.recom-power.com
REV: 0/2015


Similar Part No. - RACD150-24

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD150-24-ENEC RECOM-RACD150-24-ENEC Datasheet
126Kb / 2P
   Universal AC Input
RACD150-24-PSE RECOM-RACD150-24-PSE Datasheet
100Kb / 2P
   150 Watt Single Output
More results

Similar Description - RACD150-24

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
TLP150N-99S12J ARTESYN-TLP150N-99S12J Datasheet
673Kb / 4P
   Single Output 150 Watt
logo
Recom International Pow...
RACG150-S RECOM-RACG150-S Datasheet
449Kb / 4P
   150 Watt Single Output
RACD150-PSE RECOM-RACD150-PSE Datasheet
100Kb / 2P
   150 Watt Single Output
RACD150-A RECOM-RACD150-A Datasheet
116Kb / 2P
   150 Watt Single Output
logo
Artesyn Technologies
LCB150E ARTESYN-LCB150E Datasheet
481Kb / 3P
   150 Watt Single Output Power Supply
logo
Recom International Pow...
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
   150 Watt Enclosed Case Style Single Output
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
   150 Watt Enclosed Case Style Single Output
logo
SL Power Electronics
GLD150 SLPOWER-GLD150 Datasheet
242Kb / 2P
   150 Watt Multiple Output
logo
Wall Industries,Inc.
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
   150 Watt Single Output AC/DC Power Supply
DCSD-150 WALL-DCSD-150 Datasheet
176Kb / 3P
   150 Watt Single Output Chassis Mount DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com