Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACM65-05S Datasheet(PDF) 5 Page - Recom International Power

Part # RACM65-05S
Description  65 Watt Enclosed & Open Frame Case Style Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM65-05S Datasheet(HTML) 5 Page - Recom International Power

  RACM65-05S Datasheet HTML 1Page - Recom International Power RACM65-05S Datasheet HTML 2Page - Recom International Power RACM65-05S Datasheet HTML 3Page - Recom International Power RACM65-05S Datasheet HTML 4Page - Recom International Power RACM65-05S Datasheet HTML 5Page - Recom International Power RACM65-05S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
continued on next page
76.2
FC 84.2
91.4
3.5
51.3
M3 screws
logo embossed
Trim Adj.
AC/DC Converter
MED-5
REV.: 1/2016
www.recom-power.com
Specifications (measured at Ta= 25°C, 250VAC, full load and after warm-up)
RACM65
Series
FC 69.8
Trim Adj.
44.0
76.2
Ø3.2
Dimension Drawing Open Frame (/OF) (mm)
Top View
Side View
Side View
Bottom View
AC Input Connector CON1
Pin1
Line
Pin3 Neutral
Pin Connector: Molex KK156
DC Output Connector CON2
Pin1,2 -Vout
Pin3,4 +Vout
Pin Connector: Molex KK156
Tolerance:
±0.5mm
FC:
fixing center


Similar Part No. - RACM65-05S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACM65-05S RECOM-RACM65-05S Datasheet
556Kb / 6P
   Suitable for built in Class II Applications
More results

Similar Description - RACM65-05S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACM40-S RECOM-RACM40-S Datasheet
571Kb / 6P
   40 Watt Enclosed & Open Frame Case Style Single Output
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
   150 Watt Enclosed Case Style Single Output
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
   150 Watt Enclosed Case Style Single Output
RACM100-S RECOM-RACM100-S Datasheet
405Kb / 5P
   100 Watt Enclosed Case Style Single Output
RACM90-K RECOM-RACM90-K Datasheet
2Mb / 9P
   90 Watt 2” x 4” Open Frame & Enclosed Single Output
REV.: 0/2022
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com