Electronic Components Datasheet Search |
|
F463JE223J2K5C Datasheet(PDF) 8 Page - Kemet Corporation |
|
F463JE223J2K5C Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 32 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3028_F461-464 • 5/3/2016 8 Film Capacitors General Purpose, Pulse and DC Transient Suppression – F461 – 464 Series Single Metallized Polypropylene Film Environmental Test Data Test IEC Publication Procedure Requirements Voltage Proof 60384–1 Clause 4.6 1.6 x VR after 60 seconds The capacitors must withstand the voltage without breakdowns or flashovers and without decreased insulation resistance below the value in each detail specification. No visible damage Clause 4.6 2.3 2 x VR (minimum 400 VDC to case) after 60 seconds As above Vibration 60068–2–6 Test Fc 6 hours with 10 – 500 Hz and 0.75 mm amplitude or 98 m/s2 depending on frequency No visible damage tanδ ≤ 1.2 x stated value at 100 kHz Δ C/C ≤ ±0.5% Bump 60068–2–29 Test Eb 4,000 bumps with 390 m/s2 mounted on PCB Δ C/C ≤ ±0.5% tanδ ≤ 1.2 x stated value at 100 kHz Insulation resistance: ≥ 100,000 MΩ for CR ≤ 0.33 µF ≥ 30,000 MΩ • µF for CR > 0.33 µF Resistance to Soldering Heat 60068–2–20 Method 1A Solder bath at + 260°C ±5°C with screening Immersion of the terminations into the solder bath shall be completed in a time not exceeding 1 second and the terminations shall remain immersed to the specified depth for 10 + 1 second and then be withdrawn. Δ C/C ≤ ±1.0% tanδ increase < 0.001 No visible damage Climatic Sequence 60384–1 Paragraph 4:21 60068–2.2 dry heat 16 hours 60068–2–34 damp heat, one cycle, 60068–2–1 Test Aa 2 hours Insulation resistance: ≥ 100,000 MΩ for CR ≤ 0.33 µF ≥ 30,000 MΩ • µF for CR > 0.33 µF Δ C/C ≤ ±0.5% tanδ ≤ 1.2 x stated value at 100 kHz Damp Heat Steady State 60068–2–3 Test Ca +40°C and 90 – 95% RH 56 days no visible damage Insulation resistance: ≥ 50,000 MΩ for CR ≤ 0.33 µF ≥ 15,000 MΩ • µF for CR > 0.33 µF Δ C/C ≤ ±1% tanδ ≤ 1.2 x stated value at 100 kHz Endurance, AC 1,000 hours at +85°C and 1.25 x VR AC No visible damage Δ C/C ≤ ±3% tanδ ≤ 1.5 x stated value at 100 kHz Insulation resistance: ≥ 100,000 MΩ for CR ≤ 0.33 µF ≥ 30,000 MΩ • µF for CR > 0.33 µF Charge and Discharge 60384–17 Paragraph 4.13 10,000 pulses and with (2 x) dV/dt according to detail specification tanδ (100 kHz) ≤ 2 x stated value (100 kHz) Δ C/C ≤ ±0.5% Insulation resistance: ≥ 50,000 MΩ for CR ≤ 0.33 µF ≥ 15,000 MΩ • µF for CR > 0.33 µF Environmental Compliance All KEMET MKP capacitors are RoHS Compliant and Halogen Free. |
Similar Part No. - F463JE223J2K5C |
|
Similar Description - F463JE223J2K5C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |