Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1462200050 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1462200050
Description  GPS and WiFi 2.4GHz / 5GHz Combo PCB Antenna, 16.60mm Width, Cable Length 50.00mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1462200050 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1462200050 Datasheet HTML 1Page - Molex Electronics Ltd. 1462200050 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1462200050
Status:
Active
Overview:
Standard Antennas
Description:
GPS and WiFi 2.4GHz / 5GHz Combo PCB Antenna, 16.60mm Width, Cable Length
50.00mm
Documents:
Drawing (PDF)
Packaging Specification PK-146220-100 (PDF)
Product Specification PS-146220-100 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-146220-100 (PDF)
Product Literature (PDF)
General
Product Family
Antennas
Series
146220
Component Type
Stand Alone Antenna with Cable
Mates With
73412-0110 Microcoaxial RF, 50 Ohm
Overview
Standard Antennas
Product Literature Order No
987651-3851
Product Name
2.4/5GHz GPS-Wi-Fi* Antenna
Type
GPS-Wifi Antenna
UPC
889056569644
Physical
Cable Length
50.00mm
Depth
0.81mm
Length
53.50mm
Mounting Style
Screws
Net Weight
1.644/g
Packaging Type
PET Film
Polarization
Linear
Radiation Pattern
Omnidirectional
Width
16.60mm
Electrical
Band#1 F_End (MHz)
1602
Band#1 F_Start (MHz)
1575.42
Band#2 F_End (MHz)
2483.5
Band#2 F_Start (MHz)
2400
Band#3 F_End (MHz)
5850
Band#3 F_Start (MHz)
5150
Band#4 F_End (MHz)
6000
Band#4 F_Start (MHz)
3000
Electrical Connectivity
Cable
Impedance
50#
Number of Bands
4
Peak Gain (dBi)
2.6 @ 1575M, 3.1 @ 2.4G, 3.8 @ 3G, 4.1 @ 5G
Return Loss - S11 (dB)
< -8
Total Efficiency
>82% @ 2.4G, >82% @ 3G, >84% @ 1575M, >88% @
5G
Material Info
Reference - Drawing Numbers
Application Specification
AS-146220-100
Packaging Specification
PK-146220-100
Product Specification
PS-146220-100
Sales Drawing
SD-146220-050
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
146220 Series


Similar Part No. - 1462200050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1462200050 MOLEX-1462200050 Datasheet
40Kb / 2P
   GPS and Wi-Fi 2.4GHz / 5GHz Combo PCB Antenna, 16.60mm Width, 50.00mm Cable Length, Compatible with U.FL / I-PEX MHF Connectors
02/14/2020
1462200050 MOLEX-1462200050_V01 Datasheet
40Kb / 2P
   GPS and Wi-Fi 2.4GHz / 5GHz Combo PCB Antenna, 16.60mm Width, 50.00mm Cable Length, Compatible with U.FL / I-PEX MHF Connectors
02/14/2020
More results

Similar Description - 1462200050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1462200150 MOLEX11-1462200150 Datasheet
49Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo PCB Antenna, 16.60mm Width, Cable Length 150.00mm
1462200250 MOLEX11-1462200250 Datasheet
49Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo PCB Antenna, 16.60mm Width, Cable Length 250.00mm
1462200200 MOLEX11-1462200200 Datasheet
49Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo PCB Antenna, 16.60mm Width, Cable Length 200.00mm
1462200300 MOLEX11-1462200300 Datasheet
49Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo PCB Antenna, 16.60mm Width, Cable Length 300.00mm
1461860050 MOLEX11-1461860050 Datasheet
53Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo Flex Antenna, 18.00mm Width, Cable Length 50.00mm
1461860250 MOLEX11-1461860250 Datasheet
52Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo Flex Antenna, 18.00mm Width, Cable Length 250.00mm
1461860300 MOLEX11-1461860300 Datasheet
51Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo Flex Antenna, 18.00mm Width, Cable Length 300.00mm
1461860150 MOLEX11-1461860150 Datasheet
52Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo Flex Antenna, 18.00mm Width, Cable Length 150.00mm
1461860100 MOLEX11-1461860100 Datasheet
49Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo Flex Antenna, 18.00mm Width, Cable Length 100.00mm
1461860200 MOLEX11-1461860200 Datasheet
50Kb / 1P
   GPS and WiFi 2.4GHz / 5GHz Combo Flex Antenna, 18.00mm Width, Cable Length 200.00mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com