Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V201L10J Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72V201L10J
Description  3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V201L10J Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V201L10J Datasheet HTML 1Page - Integrated Device Technology IDT72V201L10J Datasheet HTML 2Page - Integrated Device Technology IDT72V201L10J Datasheet HTML 3Page - Integrated Device Technology IDT72V201L10J Datasheet HTML 4Page - Integrated Device Technology IDT72V201L10J Datasheet HTML 5Page - Integrated Device Technology IDT72V201L10J Datasheet HTML 6Page - Integrated Device Technology IDT72V201L10J Datasheet HTML 7Page - Integrated Device Technology IDT72V201L10J Datasheet HTML 8Page - Integrated Device Technology IDT72V201L10J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72V201
IDT72V211
IDT72V221
IDT72V231
IDT72V241
IDT72V251
Commercial and Industrial(1)
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI
(2)
Input Leakage Current (Any Input)
–1
1
µA
ILO
(3)
OutputLeakageCurrent
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8mA
0.4
V
ICC1
(4,5,6)
Active Power Supply Current
20
mA
ICC2
(4,7)
Standby Current
5
mA
CAPACITANCE (TA= +25°C, f = 1.0MHz)
Symbol
Parameter
Conditions
Max.
Unit
CIN(2)
InputCapacitance
VIN = 0V
10
pF
COUT(1,2)
OutputCapacitance
VOUT = 0V
10
pF
NOTES:
1. With output deselected (
OE ≥≥≥≥≥ VIH).
2.
Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0
°C to +70°C;Industrial: VCC = 3.3V ± 0.3V, TA = -40°C to +85°C)
NOTES:
1. Industrial temperature range product for the 15ns speed grade is available as a standard device. All other speed grades are available by special order.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3.
OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs disabled (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 0.17 + 0.48*fS + 0.02*CL*fS (in mA) with VCC = 3.3V, TA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2,
CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminal only.
Symbol
Rating
Com'l & Ind'l
Unit
VTERM(2)
Terminal Voltage with
–0.5 to +5
V
Respect to GND
TSTG
Storage Temperature
–55 to +125
°C
IOUT
DC Output Current
–50 to +50
mA
RECOMMENDED OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
Commercial/Industrial
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
5.5
V
Commercial/Industrial
VIL
Input Low Voltage
-0.5
0.8
V
Commercial/Industrial
TA
Operating Temperature
0
70
°C
Commercial
TA
Operating Temperature
-40
85
°C
Industrial


Similar Part No. - IDT72V201L10J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V201L10J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com