Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33889 Datasheet(PDF) 4 Page - Motorola, Inc

Part # PC33889
Description  System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33889 Datasheet(HTML) 4 Page - Motorola, Inc

  PC33889 Datasheet HTML 1Page - Motorola, Inc PC33889 Datasheet HTML 2Page - Motorola, Inc PC33889 Datasheet HTML 3Page - Motorola, Inc PC33889 Datasheet HTML 4Page - Motorola, Inc PC33889 Datasheet HTML 5Page - Motorola, Inc PC33889 Datasheet HTML 6Page - Motorola, Inc PC33889 Datasheet HTML 7Page - Motorola, Inc PC33889 Datasheet HTML 8Page - Motorola, Inc PC33889 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
PC33889
4
PC33889
Idd1 stop output current to wake up SBC
Idd1s-wu1
2
3.5
5
mA
Selectable by SPI. Default
value after reset.
Idd1 stop output current to wake up SBC
Idd1s-wu2
10
14
18
mA
Selectable by SPI
Idd1 over current wake deglitcher (with
Idd1s-wu1 selected)
Idd1-dglt1
40
75
55
us
Guaranteed by design
Idd1 over current wake deglitcher (with
Idd1s-wu2 selected)
Idd1-dglt2
150
us
Guaranteed by design
Thermal Shutdown
Tsd
160
190
°C
Normal or standby mode
Over temperature pre warning
Tpw
130
160
°C
VDDTEMP bit set
Temperature Threshold difference
Tsd-Tpw
20
40
°C
Reset threshold 1
Rst-th1
4.5
4.6
4.7
Selectable by SPI. Default
value after reset.
Reset threshold 2
Rst-th2
4.1
4.2
4.3
Selectable by SPI
Reset duration
reset-dur
0.85
1
2
ms
Vdd1 range for Reset Active
Vddr
1V
Reset Delay Time
td
520
us
measured at 50% of reset sig-
nal. Guaranteed by design
Line Regulation
LR1
5
25
mV
9V<Vsup<18, Idd=10mA
Line Regulation
LR2
10
25
mV
5.5V<Vsup<27V, Idd=10mA
Load Regulation
LD
20
50
mV
1mA<IIdd<200mA
Thermal stability
ThermS
5
mV
Vsup=13.5V, I=100mA
V2 tracking voltage regulator
note 7: V2 specification with external capacitor
- option 1: C>=22uF and ESR<1O ohm
- option2: 1uF<C<22uF and ESR<10 ohm. In this case depending upon ballast transistor gain an additional resistor and capacitor network
between emitter and base of PNP ballast transistor might be required.
V2 Output Voltage
V2
0.99
1
1.01
Vdd1
I2 from 2 to 200mA
5.5V< Vsup <27V
I2 output current (for information only)
I2
200
mA
Depending upon external bal-
last transistor
V2 ctrl drive current
I2ctrl
tbd
10
tbd
mA
Logic output pins (MISO)
Low Level Output Voltage
Vol
1.0
V
I out = 1.5mA
High Level Output Voltage
Voh
Vdd1-0.9
V
I out = -250uA
Tristated MISO Leakage Current
-2
+2
uA
0V<Vmiso<Vdd
Logic input pins (MOSI, SCLK, CSB)
High Level Input Voltage
Vih
0.7Vdd1
Vdd1+0.3
V
Low Level Input Voltage
Vil
-0.3
0.3Vdd1
V
High Level Input Current on CSB
Iih
-100
-20
uA
Vi=4V
Low Level Input Current CSB
Iil
-100
-20
uA
Vi=1V
MOSI, SCLK Input Current
Iin
-10
10
uA
0<VIN<Vdd
Reset Pin (output pin only)
High Level Output current
Ioh
-250
uA
0<Vout<0.7Vdd
Low Level Output Voltage (I0=1.5mA)
Vol
0
0.9
V
5.5v<Vsup<27V
Low Level Output Voltage (I0=tbd mA)
Vol
0
0.9
V
1v<Vdd1
Reset pull down current
Ipdw
2.4
5
mA
Reset Duration after Vdd High
reset-dur
1
2
ms
Wdogb output pin
(Vsup From 5.5V to 18V and Tj from -40°C to 125°C) unless otherwise noted. For all pins except can related pins
Description
Symbol
Characteristics
Unit
Conditions
Min
Typ
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC33882EK FREESCALE-PC33882EK Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
PC33882R2 FREESCALE-PC33882R2 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
PC33887VW MOTOROLA-PC33887VW Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
PC33887VW/R2 MOTOROLA-PC33887VW/R2 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
PC33887VWR2 MOTOROLA-PC33887VWR2 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - PC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com