Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELH227M350AT1 Datasheet(PDF) 10 Page - Kemet Corporation

Part # ELH227M350AT1
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH227M350AT1 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button ELH227M350AT1 Datasheet HTML 6Page - Kemet Corporation ELH227M350AT1 Datasheet HTML 7Page - Kemet Corporation ELH227M350AT1 Datasheet HTML 8Page - Kemet Corporation ELH227M350AT1 Datasheet HTML 9Page - Kemet Corporation ELH227M350AT1 Datasheet HTML 10Page - Kemet Corporation ELH227M350AT1 Datasheet HTML 11Page - Kemet Corporation ELH227M350AT1 Datasheet HTML 12Page - Kemet Corporation ELH227M350AT1 Datasheet HTML 13Page - Kemet Corporation ELH227M350AT1 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)*
RC
120 Hz 85°C
(A)
LC 20°C
5 Minutes
(mA)
Part Number
180
225
330
22 x 30
15
1.40
1.2
ELH337M180AQ2(1)
180
225
330
25 x 25
15
1.40
1.2
ELH337M180AR1(1)
180
225
390
22 x 30
15
1.60
1.4
ELH397M180AQ2(1)
180
225
390
25 x 25
15
1.60
1.4
ELH397M180AR1(1)
180
225
470
22 x 35
15
1.80
1.7
ELH477M180AQ3(1)
180
225
470
25 x 30
15
1.80
1.7
ELH477M180AR2(1)
180
225
470
30 x 25
15
1.80
1.7
ELH477M180AS1(1)
180
225
560
22 x 35
15
2.00
2.0
ELH567M180AQ3(1)
180
225
560
22 x 40
15
2.00
2.0
ELH567M180AQ4(1)
180
225
560
25 x 30
15
1.95
2.0
ELH567M180AR2(1)
180
225
560
30 x 25
15
2.00
2.0
ELH567M180AS1(1)
180
225
680
22 x 45
15
2.25
2.4
ELH687M180AQ5(1)
180
225
680
25 x 35
15
2.20
2.4
ELH687M180AR3(1)
180
225
680
30 x 30
15
2.20
2.4
ELH687M180AS2(1)
180
225
680
35 x 25
15
2.20
2.4
ELH687M180AT1(1)
180
225
820
22 x 50
15
2.55
2.9
ELH827M180AQ6(1)
180
225
820
25 x 40
15
2.55
2.9
ELH827M180AR4(1)
180
225
820
30 x 30
15
2.60
2.9
ELH827M180AS2(1)
180
225
820
30 x 35
15
2.60
2.9
ELH827M180AS3(1)
180
225
820
35 x 25
15
2.60
2.9
ELH827M180AT1(1)
180
225
1000
25 x 45
15
2.85
3.0
ELH108M180AR5(1)
180
225
1000
30 x 35
15
2.85
3.0
ELH108M180AS3(1)
180
225
1000
35 x 30
15
2.90
3.0
ELH108M180AT2(1)
180
225
1200
30 x 40
15
3.25
3.0
ELH128M180AS4(1)
180
225
1200
35 x 30
15
3.30
3.0
ELH128M180AT2(1)
180
225
1200
35 x 35
15
3.30
3.0
ELH128M180AT3(1)
180
225
1500
30 x 45
15
3.85
3.0
ELH158M180AS5(1)
180
225
1500
35 x 35
15
3.80
3.0
ELH158M180AT3(1)
180
225
1500
35 x 40
15
3.80
3.0
ELH158M180AT4(1)
180
225
1800
35 x 40
15
4.30
3.0
ELH188M180AT4(1)
180
225
1800
35 x 45
15
4.30
3.0
ELH188M180AT5(1)
180
225
2200
35 x 45
15
4.90
3.0
ELH228M180AT5(1)
180
225
2200
35 x 50
15
4.90
3.0
ELH228M180AT6(1)
200
250
180
22 x 25
15
0.95
0.7
ELH187M200AQ1(1)
200
250
220
22 x 25
15
1.10
0.9
ELH227M200AQ1(1)
200
250
270
22 x 25
15
1.25
1.1
ELH277M200AQ1(1)
200
250
270
22 x 30
15
1.25
1.1
ELH277M200AQ2(1)
200
250
270
25 x 25
15
1.25
1.1
ELH277M200AR1(1)
200
250
330
22 x 25
15
1.45
1.3
ELH337M200AQ1(1)
200
250
330
22 x 30
15
1.45
1.3
ELH337M200AQ2(1)
200
250
330
25 x 25
15
1.45
1.3
ELH337M200AR1(1)
200
250
390
22 x 30
15
1.60
1.6
ELH397M200AQ2(1)
200
250
390
25 x 25
15
1.55
1.6
ELH397M200AR1(1)
200
250
470
22 x 35
15
1.80
1.9
ELH477M200AQ3(1)
200
250
470
25 x 30
15
1.80
1.9
ELH477M200AR2(1)
200
250
470
30 x 25
15
1.80
1.9
ELH477M200AS1(1)
200
250
560
22 x 40
15
2.00
2.2
ELH567M200AQ4(1)
200
250
560
25 x 35
15
2.00
2.2
ELH567M200AR3(1)
200
250
560
30 x 25
15
2.00
2.2
ELH567M200AS1(1)
200
250
680
22 x 45
15
2.35
2.7
ELH687M200AQ5(1)
200
250
680
25 x 35
15
2.30
2.7
ELH687M200AR3(1)
200
250
680
30 x 30
15
2.30
2.7
ELH687M200AS2(1)
200
250
680
35 x 25
15
2.30
2.7
ELH687M200AT1(1)
200
250
820
25 x 40
15
2.60
3.0
ELH827M200AR4(1)
200
250
820
25 x 45
15
2.60
3.0
ELH827M200AR5(1)
200
250
820
30 x 30
15
2.60
3.0
ELH827M200AS2(1)
200
250
820
30 x 35
15
2.60
3.0
ELH827M200AS3(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number


Similar Part No. - ELH227M350AT1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELH228M063AQ2AA KEMET-ELH228M063AQ2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 2200 uF, 20%, 63 V, -40/85C
ELH228M100AR4AA KEMET-ELH228M100AR4AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 2200 uF, 20%, 100 V, -40/85C
ELH228M200AT6AA KEMET-ELH228M200AT6AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 2200 uF, 20%, 200 V, -25/85C
ELH229M016AR4AA KEMET-ELH229M016AR4AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 0.022 F, 20%, 16 V, -40/85C
ELH229M035AS6AA KEMET-ELH229M035AS6AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 0.022 F, 20%, 35 V, -40/85C
More results

Similar Description - ELH227M350AT1

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com