Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPM-2100WG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # QPM-2100WG
Description  Low Power Dissipation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

QPM-2100WG Datasheet(HTML) 2 Page - Optoway Technology Inc

  QPM-2100WG Datasheet HTML 1Page - Optoway Technology Inc QPM-2100WG Datasheet HTML 2Page - Optoway Technology Inc QPM-2100WG Datasheet HTML 3Page - Optoway Technology Inc QPM-2100WG Datasheet HTML 4Page - Optoway Technology Inc QPM-2100WG Datasheet HTML 5Page - Optoway Technology Inc QPM-2100WG Datasheet HTML 6Page - Optoway Technology Inc QPM-2100WG Datasheet HTML 7Page - Optoway Technology Inc QPM-2100WG Datasheet HTML 8Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Optoway
QPM-2100WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com
http: // www.optoway.com
2015/11/20
V2.0
2
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
VCC
3.135
3.3
3.465
V
Power Supply Current
ICC
420
mA
Power Dissipation
PD
1.5
W
Operating Case Temperature
Topr
0
70
oC
Data Rate per Channel
2.5
10.3125
Gb/s
Transmitter Optical Specifications (Topr= 0 to 70oC, Vcc3 = 3.3V ±5%)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power, each lane
Po, Avg
-7.6
2.4
dBm
1
Launch Power in OMA, each lane
Po, OMA
-5.6
3.0
dBm
1
Extinction Ratio
ER
3
dB
Output Center Wavelength
c
840
850
860
nm
Output Spectrum Width
σ
0.65
nm
RMS (σ)
Difference in Power between any
two lanes in OMA
4.0
dB
Transmitter and Dispersion
Penalty, each lane
TDP
3.5
dB
2
Optical Eye Mask
Compliant with IEEE 802.3ba 40GBASE
Average Launch Power of OFF
Transmitter
-30
dBm
1. Output power is power coupled into a MMF.
2. Measured with a PRBS 231-1 test pattern @10.3125 Gbps per lane for MMF.
Receiver Optical Specifications (Topr= 0 to 70oC, Vcc3 = 3.3V ±5%)
Parameter
Symbol
Min
Typ
Max
Units
Notes
RX Sensitivity
Sen
---
-7.5
dBm
3
Receiver Overload, each lane
---
2.4
dBm
OMA, each lane
3
dBm
Damage Threshold
3.4
---
dBm
LOS -- Deasserted
LOSD
---
---
-7.5
dBm
Transition: low to high
LOS -- Asserted
LOSA
-30
---
---
dBm
Transition: high to low
LOS -- Hysteresis
0.5
---
dB
Wavelength of Operation
c
840
860
nm
3. Average received power @ BER=1E-12 and PRBS 231-1.
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
2.5
10.3125
Gps
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
1200
mVpp
Internally AC coupled
Output Data Rate
2.5
10.3125
Gps
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
200
900
mVpp
Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc+0.3
V
Input Low Voltage
-0.3
0.8
V
Output High Voltage
Vcc-0.5
Vcc+0.3
V
Output Low Voltage
0
0.4
V


Similar Part No. - QPM-2100WG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPM1000 TRIQUINT-QPM1000 Datasheet
1Mb / 11P
   2 -20 GHz Limiter/Low-Noise Amplifier
logo
Qorvo, Inc
QPM1002 QORVO-QPM1002 Datasheet
1Mb / 23P
   8.5 ??10.5 GHz GaN T/R Module
QPM1002EVB1 QORVO-QPM1002EVB1 Datasheet
1Mb / 23P
   8.5 ??10.5 GHz GaN T/R Module
QPM1002SR QORVO-QPM1002SR Datasheet
1Mb / 23P
   8.5 ??10.5 GHz GaN T/R Module
QPM1002TR7 QORVO-QPM1002TR7 Datasheet
1Mb / 23P
   8.5 ??10.5 GHz GaN T/R Module
More results

Similar Description - QPM-2100WG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
   Low Power Dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
   Low power dissipation
Rev. 1.2, 14-Oct-14
logo
Unisonic Technologies
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
   Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
   Low power dissipation
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
   Low power dissipation
logo
Nell Semiconductor Co.,...
D7100W NELLSEMI-D7100W Datasheet
1Mb / 3P
   Low power dissipation
logo
Unisonic Technologies
U74AUP1T157G-AL6-R UTC-U74AUP1T157G-AL6-R Datasheet
202Kb / 6P
   Low power dissipation
logo
Nell Semiconductor Co.,...
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
   Low power dissipation
D16000W NELLSEMI-D16000W Datasheet
329Kb / 1P
   Low power dissipation
logo
List of Unclassifed Man...
AM9111 ETC2-AM9111 Datasheet
533Kb / 12P
   Low operating power dissipation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com