Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2102 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102 Datasheet(HTML) 2 Page - Texas Instruments

  TSC2102 Datasheet HTML 1Page - Texas Instruments TSC2102 Datasheet HTML 2Page - Texas Instruments TSC2102 Datasheet HTML 3Page - Texas Instruments TSC2102 Datasheet HTML 4Page - Texas Instruments TSC2102 Datasheet HTML 5Page - Texas Instruments TSC2102 Datasheet HTML 6Page - Texas Instruments TSC2102 Datasheet HTML 7Page - Texas Instruments TSC2102 Datasheet HTML 8Page - Texas Instruments TSC2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE DESIGNATOR
OPERATING
TEMPERATURE RANGE
ORDERING NUMBER
TRANSPORT MEDIA
TSC2102IDA
TSSOP-32
360
−40
°C to +85°C
TSC2102IDA
Rails
TSC2102IDA
TSSOP-32
360
−40
°C to +85°C
TSC2102IDAR
Tape and Reel
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
DIN
NC
BCLK
DVDD
DVSS
IOVDD
MCLK
SCLK
MISO
MOSI
SS
PINTDAV
NC
NC
AUX
VBAT2
PWD
LRCK
RESET
HPR
DRVDD
VGND
DRVSS
HPL
AVDD
X+
Y+
X−
Y−
AVSS
VREF
VBAT1
TSSOP
(TOP VIEW)
Terminal Functions
PIN
NAME
INPUT/
OUTPUT
DESCRIPTION
PIN
NAME
INPUT/
OUTPUT
DESCRIPTION
1
DIN
I
Digital audio data input
17
VBAT1
I
Battery monitor input 1
2
NC
No connection
18
VREF
I/O
Reference voltage
3
BCLK
I/O
Audio bit clock to be consistent
with pin 31 word-clock
19
AVSS
I
Analog ground
4
DVDD
I
Digital core supply
20
Y−
I/O
Y− position input and driver
5
DVSS
I
Digital core and IO ground
21
X−
I/O
X− position input and driver
6
IOVDD
I
IO supply
22
Y+
I/O
Y+ position input and driver
7
MCLK
I
Master clock
23
X+
I/O
X+ position input and driver
8
SCLK
I
SPI serial clock input
24
AVDD
I
Analog power supply
9
MISO
O
SPI serial data output
25
HPL
O
Left channel audio output
10
MOSI
I
SPI serial data input
26
DRVSS
I
Speaker ground
11
SS
I
SPI slave select input
27
VGND
O
Virtual ground for audio output
12
PINTDAV
O
Pen interrupt/data available output
28
DRVDD
I
Speaker and PLL supply
13
NC
No connection
29
HPR
O
Right channel audio output
14
NC
No connection
30
RESET
I
Device reset
15
AUX
I
Auxiliary input
31
LRCK
I/O
Audio DAC word-clock
16
VBAT2
I
Battery monitor input 2
32
PWD
I
Hardware power down


Similar Part No. - TSC2102

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
TSC21020F-20MA-E ATMEL-TSC21020F-20MA-E Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
TSC21020F-20MB-E ATMEL-TSC21020F-20MB-E Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
TSC21020F-20MC-E ATMEL-TSC21020F-20MC-E Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
TSC21020F-20MC-SV ATMEL-TSC21020F-20MC-SV Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
More results

Similar Description - TSC2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com