Electronic Components Datasheet Search |
|
ELH277M400AQ6 Datasheet(PDF) 6 Page - Kemet Corporation |
|
ELH277M400AQ6 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 26 page 6 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com A4018_ELH • 2/10/2016 Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC Table 1 – Ratings & Part Number Reference cont'd (1) Insert packaging code. See Ordering Options Table for available options. * When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF. VDC VDC Surge Voltage Rated Capacitance 120 Hz 20°C (µF) Case Size D x L (mm) DF 120 Hz 20°C (tan δ %)* RC 120 Hz 85°C (A) LC 20°C 5 Minutes (mA) Part Number 16 20 12000 22 x 30 55 2.90 3.0 ELH129M016AQ2(1) 16 20 12000 25 x 25 55 2.95 3.0 ELH129M016AR1(1) 16 20 15000 22 x 35 55 3.30 3.0 ELH159M016AQ3(1) 16 20 15000 25 x 30 55 3.45 3.0 ELH159M016AR2(1) 16 20 15000 30 x 25 55 3.50 3.0 ELH159M016AS1(1) 16 20 18000 22 x 40 55 3.70 3.0 ELH189M016AQ4(1) 16 20 18000 25 x 35 55 3.75 3.0 ELH189M016AR3(1) 16 20 18000 30 x 30 55 3.80 3.0 ELH189M016AS2(1) 16 20 22000 22 x 50 55 4.35 3.0 ELH229M016AQ6(1) 16 20 22000 25 x 40 55 4.30 3.0 ELH229M016AR4(1) 16 20 22000 30 x 30 55 4.25 3.0 ELH229M016AS2(1) 16 20 22000 35 x 25 55 4.20 3.0 ELH229M016AT1(1) 16 20 27000 25 x 45 55 4.70 3.0 ELH279M016AR5(1) 16 20 27000 30 x 35 55 4.65 3.0 ELH279M016AS3(1) 16 20 27000 35 x 30 55 4.65 3.0 ELH279M016AT2(1) 16 20 33000 30 x 40 55 5.35 3.0 ELH339M016AS4(1) 16 20 33000 35 x 30 55 5.40 3.0 ELH339M016AT2(1) 16 20 39000 30 x 45 55 6.00 3.0 ELH399M016AS5(1) 16 20 39000 35 x 35 55 5.95 3.0 ELH399M016AT3(1) 16 20 47000 30 x 50 55 6.80 3.0 ELH479M016AS6(1) 16 20 47000 35 x 40 55 6.75 3.0 ELH479M016AT4(1) 16 20 56000 35 x 45 55 7.60 3.0 ELH569M016AT5(1) 16 20 68000 35 x 50 55 8.00 3.0 ELH689M016AT6(1) 16 20 82000 35 x 60 55 8.50 3.0 ELH829M016AT8(1) 25 32 5600 22 x 25 45 2.20 2.8 ELH568M025AQ1(1) 25 32 6800 22 x 30 45 2.40 3.0 ELH688M025AQ2(1) 25 32 6800 25 x 25 45 2.45 3.0 ELH688M025AR1(1) 25 32 8200 22 x 35 45 2.70 3.0 ELH828M025AQ3(1) 25 32 8200 25 x 25 45 2.75 3.0 ELH828M025AR1(1) 25 32 10000 22 x 40 45 3.10 3.0 ELH109M025AQ4(1) 25 32 10000 25 x 30 45 3.15 3.0 ELH109M025AR2(1) 25 32 10000 30 x 25 45 3.20 3.0 ELH109M025AS1(1) 25 32 12000 22 x 45 45 3.50 3.0 ELH129M025AQ5(1) 25 32 12000 25 x 35 45 3.45 3.0 ELH129M025AR3(1) 25 32 12000 30 x 30 45 3.50 3.0 ELH129M025AS2(1) 25 32 12000 35 x 25 45 3.55 3.0 ELH129M025AT1(1) 25 32 15000 22 x 50 45 4.00 3.0 ELH159M025AQ6(1) 25 32 15000 25 x 40 45 3.95 3.0 ELH159M025AR4(1) 25 32 15000 30 x 35 45 4.00 3.0 ELH159M025AS3(1) 25 32 15000 35 x 30 45 4.05 3.0 ELH159M025AT2(1) 25 32 18000 25 x 45 45 4.45 3.0 ELH189M025AR5(1) 25 32 18000 30 x 35 45 4.45 3.0 ELH189M025AS3(1) 25 32 18000 35 x 30 45 4.60 3.0 ELH189M025AT2(1) 25 32 22000 30 x 40 45 5.20 3.0 ELH229M025AS4(1) 25 32 22000 35 x 35 45 5.15 3.0 ELH229M025AT3(1) 25 32 22000 35 x 40 45 5.95 3.0 ELH229M025AS5(1) 25 32 22000 35 x 40 45 5.90 3.0 ELH229M025AT4(1) 25 32 27000 30 x 50 45 6.70 3.0 ELH279M025AS6(1) 25 32 27000 35 x 45 45 6.75 3.0 ELH279M025AT5(1) 25 32 33000 35 x 50 45 7.55 3.0 ELH339M025AT6(1) 25 32 39000 35 x 45 45 7.56 3.0 ELH399M025AT5(1) 25 32 47000 35 x 50 45 8.30 3.0 ELH479M025AT6(1) 35 63 3900 22 x 25 35 2.20 2.7 ELH398M035AQ1(1) 35 63 4700 22 x 30 35 2.40 3.0 ELH478M035AQ2(1) 35 63 4700 25 x 25 35 2.40 3.0 ELH478M035AR1(1) 35 63 5600 22 x 35 35 2.75 3.0 ELH568M035AQ3(1) 35 63 5600 25 x 25 35 2.75 3.0 ELH568M035AR1(1) VDC VDC Surge Rated Capacitance Case Size DF RC LC Part Number |
Similar Part No. - ELH277M400AQ6 |
|
Similar Description - ELH277M400AQ6 |