Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN4031SSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN4031SSD
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4031SSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN4031SSD Datasheet HTML 1Page - Diodes Incorporated DMN4031SSD Datasheet HTML 2Page - Diodes Incorporated DMN4031SSD Datasheet HTML 3Page - Diodes Incorporated DMN4031SSD Datasheet HTML 4Page - Diodes Incorporated DMN4031SSD Datasheet HTML 5Page - Diodes Incorporated DMN4031SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN4031SSD
Document number: DS35410 Rev. 4 - 2
4 of 6
www.diodes.com
February 2014
© Diodes Incorporated
DMN4031SSD
0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
A
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1.0
1.2
V , SOURCE-DRAIN VOLTAGE (V)
Fig. 8 Diode Forward Voltage vs. Current
SD
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 9 Typical Junction Capacitance
DS
Coss
Crss
Ciss
f = 1MHz
1
10
100
1,000
010
20
30
V , DRAIN-SOURCE VOLTAGE(V)
Fig. 10 Typical Drain-Source Leakage Current vs. Voltage
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
0
2
4
6
8
10
0
2
4
6
8
101214
1618 20
Q , TOTAL GATE CHARGE (nC)
Fig. 11 Gate-Charge Characteristics
g
f = 1MHz
0.01
0.1
1
10
100
0.001
0.1
1
10
100
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
P = 10µs
W


Similar Part No. - DMN4031SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4031SSD DIODES-DMN4031SSD Datasheet
430Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4031SSD-13 DIODES-DMN4031SSD-13 Datasheet
430Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4031SSDQ DIODES-DMN4031SSDQ Datasheet
308Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4031SSDQ-13 DIODES-DMN4031SSDQ-13 Datasheet
308Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4031SSD DIODES-DMN4031SSD_15 Datasheet
247Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN4031SSD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com