Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V124SA12 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71V124SA12
Description  3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V124SA12 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71V124SA12 Datasheet HTML 1Page - Integrated Device Technology IDT71V124SA12 Datasheet HTML 2Page - Integrated Device Technology IDT71V124SA12 Datasheet HTML 3Page - Integrated Device Technology IDT71V124SA12 Datasheet HTML 4Page - Integrated Device Technology IDT71V124SA12 Datasheet HTML 5Page - Integrated Device Technology IDT71V124SA12 Datasheet HTML 6Page - Integrated Device Technology IDT71V124SA12 Datasheet HTML 7Page - Integrated Device Technology IDT71V124SA12 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
IDT71V124SA, 3.3V CMOS Static RAM
1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Commercial and Industrial Temperature Ranges
Truth Table(1)
Recommended DC Operating
Conditions
Absolute Maximum Ratings(1)
DC Electrical Characteristics
(VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
Pin Configuration
SOJ and TSOP
Top View
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
5
6
7
8
9
10
11
12
A0
A1
A2
1
2
3
4
32
31
30
29
28
27
26
25
24
23
22
21
A15
A3
CS
I/O1
VDD
A14
OE
I/O7
I/O6
GND
I/O5
3873 drw 02
GND
13
20
14
19
15
18
16
A7
17
I/O2
I/O3
WE
A4
A5
A6
A12
A11
A10
A9
A8
SO32-2
SO32-3
SO32-4
I/O0
A16
A13
VDD
I/O4
.
NOTE:
1. StressesgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliabilty.
Symbol
Rating
Value
Unit
VDD
Supply Voltage Relative
to GND
-0.5 to +4.6
V
VIN, VOUT
Terminal Voltage Relative
to GND
-0.5 to VDD+0.5
V
TA
Commercial
Operating Temperature
-0 to +70
oC
Industrial
Operating Temperature
-40 to +85
TBIAS
Temperature Under Bias
-55 to +125
oC
TSTG
Storage Temperature
-55 to +125
oC
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
3873 tbl 02
NOTE:
1. H = VIH, L = VIL, X = Don't care.
CS
OE
WE
I/O
Function
LL
H
DATAOUT
Read Data
LX
L
DATAIN
Write Data
L
H
H
High-Z
Output Disabled
H
X
X
High-Z
Deselected – Standby
3873 tbl 01
NOTE:
1. This parameter is guaranteed by device characterization, but is not production tested.
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
6
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
3873 tbl 03
NOTES:
1. For 71V124SA10 only.
2. For all speed grades except 71V124SA10.
3. VIH (max.) = VDD+2V for pulse width less than 5ns, once per cycle.
4. VIL (min.) = –2V for pulse width less than 5ns, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
(1)
Supply Voltage
3.15
3.3
3.6
V
VDD
(2)
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VDD+0.3
(3)
V
VIL
Input Low Voltage
–0.5
(1)
____
0.8
V
3873 tbl 04
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VDD = Max., VIN = GND to VDD
___
5µ A
|ILO|
Output Leakage Current
VDD = Max.,
CS = VIH, VOUT = GND to VDD
___
5µ A
VOL
Output Low Voltage
IOL = 8mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = –4mA, VDD = Min.
2.4
___
V
3873 tbl 05
Recommended Operating Tempera-
ture and Supply Voltage
Grade
Temperature
GND
VDD
Commercial
0°C to +70°C
0V
See Below
Industrial
-40°C to +85°C
0V
See Below
3873 tbl 02a


Similar Part No. - IDT71V124SA12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT71V124SA-PH ETC2-IDT71V124SA-PH Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
IDT71V124SA-PH ATMEL-IDT71V124SA-PH Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
logo
List of Unclassifed Man...
IDT71V124SA-TY ETC2-IDT71V124SA-TY Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
IDT71V124SA-TY ATMEL-IDT71V124SA-TY Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
logo
List of Unclassifed Man...
IDT71V124SA-Y ETC2-IDT71V124SA-Y Datasheet
704Kb / 17P
   STK503 User Guide
More results

Similar Description - IDT71V124SA12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA_14 Datasheet
68Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com