Electronic Components Datasheet Search |
|
442TA8H501CDN Datasheet(PDF) 1 Page - CTS Corporation |
|
442TA8H501CDN Datasheet(HTML) 1 Page - CTS Corporation |
1 / 2 page Commercial Linear Motion Carbon Composition Slide Potentiometer • 11/4" (31.7mm) travel • 1/4 watt power rating • Choice of resistance tapers • Economical • Wide resistance range • Choice of mounting styles Electrical and Mechanical Specifications Resistance Range 200 ohms through 5 Megohms, linear Consult CTS for audio taper Resistance Tolerance Power Rating, Watts 1/4 watt @ 55°C derated to no load @ 85°C, linear taper, control mounted on steel panel 4" x 4" x .050" (101.6mm x 101.6mm x 1.27mm). Voltage Rating Across end terminals: Linear curves — 500 VDC Tapered curves — 350 VDC (Not to exceed wattage ratings) Between case and end terminals: 1080 VAC RMS Resistance Tapers Standard: Linear Special: Available upon request Actuator Travel 11/4 inches (31.7mm) Actuator Information See illustrations, page 2. Operating Force Either direction 1 to 9 oz. (28 to 256 g ) Measured .250" (6.35mm) from base of actuator Stop Strength Maximum — 35 lbs. (15.9 kg) measured at base of actuator Terminal Information Straight, vertical or snap-in to printed circuit board, wirewrap or solder lug styles. Mounting Information Top, bottom, side twist tab or no twist tab mounting — refer to illustrations, page 2. Features Operating Temperature 0°C to +70°C • RoHS compliant 1 - 2 © 201 CTS Corporation. All rights reserved. I nformation subject to change. 01/12/16 CTS Electrocomponents www.ctscorp.com Series 442 Data Sheet Slide Potentiometer ±30%, ±20%, ±10% Potentiometer Life 10,000 cycles 6 |
Similar Part No. - 442TA8H501CDN |
|
Similar Description - 442TA8H501CDN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |