Electronic Components Datasheet Search |
|
MKP1839100322254R Datasheet(PDF) 1 Page - Vishay Siliconix |
|
MKP1839100322254R Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 12 page MKP1839 www.vishay.com Vishay Roederstein Revision: 10-Dec-13 1 Document Number: 26022 For technical questions, contact: dc-film@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type FEATURES • Precision capacitor, tolerance 1 % and 2 %. Intermediate values are available of the E96 series • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Pulse operations • SMPS and thyristor circuits • Storage, filter, timing and sample and hold circuits Note •For more detailed data and test requirements, contact dc-film@vishay.com QUICK REFERENCE DATA Capacitance range (E12 series) 47 pF to 22 μF Capacitance tolerance ± 10 %, ± 5 %, ± 2.5 %, ± 2 %, ± 1 % Climatic testing class according to IEC 60068-1 55/100/56 Maximum application temperature 100 °C Reference standards IEC 60384-16 Dielectric Polypropylene film Electrodes Metallized Construction Mono construction Encapsulation Plastic-wrapped, epoxy resin sealed. Flame retardant Leads Tinned wire Marking C-value; tolerance; rated voltage; manufacturer’s type; code for dielectric material; manufacturer location, year and week; manufacturer’s logo or name Rated DC voltage 160 VDC, 250 VDC, 400 VDC, 630 VDC Rated AC voltage 100 VAC, 160 VAC, 220 VAC, 250 VAC Pull test on leads 20 N in direction of leads according to IEC 60068-2-21 Bent test on leads 2 bends through 90° with half of the force used in pull test DIMENSIONS in millimeters LEAD DIAMETER dt DL 0.6 ± 0.06 9.0 19.0 0.8 ± 0.08 < 16.5 > 26.5 1.0 ± 0.1 > 16.5 > 26.5 40.0 ± 5.0 L Max. 40.0 ± 5.0 Ø d t D Max. |
Similar Part No. - MKP1839100322254R |
|
Similar Description - MKP1839100322254R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |