Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4610N Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4610N
Description  Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4610N Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4610N Datasheet HTML 2Page - National Semiconductor (TI) LM4610N Datasheet HTML 3Page - National Semiconductor (TI) LM4610N Datasheet HTML 4Page - National Semiconductor (TI) LM4610N Datasheet HTML 5Page - National Semiconductor (TI) LM4610N Datasheet HTML 6Page - National Semiconductor (TI) LM4610N Datasheet HTML 7Page - National Semiconductor (TI) LM4610N Datasheet HTML 8Page - National Semiconductor (TI) LM4610N Datasheet HTML 9Page - National Semiconductor (TI) LM4610N Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Applications Information (Continued)
Figure 4 shows the effect of changing C
t and Cb in the oppo-
site direction to C
t/2, 2Cb respectively giving reduced control
ranges. The various results corresponding to the different C
t
and C
b values may be mixed if it is required to give a particu-
lar emphasis to, for example, the bass control. The particular
case with C
b/2, Ct is illustrated in Figure 5.
RESTRICTION OF TONE CONTROL ACTION AT HIGH
OR LOW FREQUENCIES
It may be desired in some applications to level off the tone
responses above or below certain frequencies for example
to reduce high frequence noise.
This may be achieved for the treble response by including a
resistor in series with C
t. The treble boost and cut will be 3
dB less than the standard circuit when R=X
C.
A similar effect may be obtained for the bass response by re-
ducing the value of the AC bypass capacitors on pins 7
(channel 1) and 18 (channel 2). The internal resistance at
these pins is 1.3 k
Ω and the bass boost/cut will be approxi-
mately 3 dB less with X
C at this value. An example of such
modified response curves is shown in
Figure 6. The input
coupling capacitors may also modify the low frequency re-
sponse.
It will be seen from
Figure 2 and Figure 3 that modifying C
t
and C
b for greater control range also has the effect of flatten-
ing the tone control extremes and this may be utilized, with
or without additional modification as outlined above, for the
most suitable tone control range and response shape.
OTHER ADVANTAGES OF DC CONTROLS
The DC controls make the addition of other features easy to
arrange. For example, the negative-going peaks of the out-
put amplifiers may be detected below a certain level, and
used to bias back the bass control from a high boost condi-
tion, to prevent overloading the speaker with low frequency
components.
LOUDNESS CONTROL
The loudness control is achieved through control of the tone
sections by the voltage applied to pin 9; therefore, the tone
and loudness functions are not independent. There is nor-
mally 1 dB more bass than treble boost (40 Hz–16 kHz) with
loudness control in the standard circuit. If a greater differ-
ence is desired, it is necessary to introduce an offset by
means of C
t or Cb or by changing the nominal control voltage
ranges.
Figure 7 shows the typical loudness curves obtained in the
standard application circuit at various volume levels
(C
b=0.39 µF).
DS101125-5
FIGURE 2. Tone Characteristic (Gain vs Frequency)
DS101125-6
FIGURE 3. Tone Characteristic (Gain vs Frequency)
DS101125-7
FIGURE 4. Tone Characteristic (Gain vs Frequency)
DS101125-8
FIGURE 5. Tone Characteristic (Gain vs Frequency)
DS101125-9
FIGURE 6. Tone Characteristic (Gain vs Frequency)
www.national.com
6


Similar Part No. - LM4610N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
More results

Similar Description - LM4610N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 TI1-LM1036 Datasheet
1Mb / 23P
[Old version datasheet]   LM1036 Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
   DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
logo
NTE Electronics
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com