Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCRF200ISQ23 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCRF200ISQ23
Description  125 kHz microID??Passive RFID Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF200ISQ23 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCRF200ISQ23 Datasheet HTML 3Page - Microchip Technology MCRF200ISQ23 Datasheet HTML 4Page - Microchip Technology MCRF200ISQ23 Datasheet HTML 5Page - Microchip Technology MCRF200ISQ23 Datasheet HTML 6Page - Microchip Technology MCRF200ISQ23 Datasheet HTML 7Page - Microchip Technology MCRF200ISQ23 Datasheet HTML 8Page - Microchip Technology MCRF200ISQ23 Datasheet HTML 9Page - Microchip Technology MCRF200ISQ23 Datasheet HTML 10Page - Microchip Technology MCRF200ISQ23 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2003 Microchip Technology Inc.
DS21219H-page 7
MCRF200
TABLE 2-4:
CONFIGURATION REGISTER
CB12 CB11 CB10 CB9 CB8 CB7
CB6 CB5 CB4
CB3
CB2 CB1
MEMORY SIZE
CB1 = 1 128-bit user memory array
CB1 = 0 96-bit user memory array
BAUD RATE
SYNC WORD
CB5 = 0 (Always)
DATA ENCODING
CB6 = 0; CB7 = 0 NRZ_L (Direct)
CB6 = 0; CB7 = 1 Biphase_S (Differential)
CB6 = 1; CB7 = 0 Biphase_L (Manchester)
CB6 = 1; CB7 = 1 (Inverted Manchester)
MODULATION OPTIONS
CB8 = 0; CB9 = 0 FSK 0 = Fc/8, 1 = Fc/10
CB8 = 0; CB9 = 1 Direct (ASK)
CB8 = 1; CB9 = 0 PSK_1
(phase change on change of data)
CB8 = 1; CB9 = 1 PSK_2
(phase change at beginning of a one)
PSK RATE OPTION
CB10 = 1 Carrier/4
CB10 = 0 Carrier/2
(ANTICOLLISION OPTION (Read-only)
CB11 = 0 Disabled (Always)
MEMORY ARRAY LOCK BIT (Read-only)
CB12 = 0 User memory array not locked (Blank)
CB12 = 1 User memory array is locked
(Programmed)
CB2
CB3
CB4
Rate
00
0
MOD128
00
1
MOD100
01
0
MOD80
01
1
MOD32
10
0
MOD64
10
1
MOD50
11
0
MOD40
11
1
MOD16


Similar Part No. - MCRF200ISQ23

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/P MICROCHIP-MCRF202-I/P Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/S MICROCHIP-MCRF202-I/S Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SB MICROCHIP-MCRF202-I/SB Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SN MICROCHIP-MCRF202-I/SN Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
More results

Similar Description - MCRF200ISQ23

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF250 MICROCHIP-MCRF250 Datasheet
395Kb / 24P
   125 kHz microID Passive RFID Device with Anti-Collision
2003
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
   125 kHz RFID Chip for Cards and Tags
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRSN5-915.000MHZ ABRACON-ARRSN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-915.000MHZ ABRACON-ARRAN5-915.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com