Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDDFN10-3324P Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CDDFN10-3324P
Description  Surface Mount TVS Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN10-3324P Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CDDFN10-3324P Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN10-3324P Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN10-3324P Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN10-3324P Datasheet HTML 4Page - Bourns Electronic Solutions CDDFN10-3324P Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CDDFN10-3324P - Surface Mount TVS Diode Array
Reference Application
The Bourns® Model CDDFN10-3324P is designed to protect high-speed data ports from ESD transients. For high-speed ports above 5 Gbps
such as HDMI 2.0 and USB 3.0, maintaining signal line impedance is a critical requirement. The use of a DFN10 package using a “feed-
through” layout provides minimal impedance change on the high-speed data line, while the ultra-low capacitance performance of the device
limits signal degradation on each channel.
Model CDDFN10-3324P Layout on HDMI Port
TO
I/O PORT
CONNECTOR
TO
I/O PORT
CONNECTOR
TO
PROTECTED
IC
TO
PROTECTED
IC
110
29
38
47
56
LINE-1
TMDS_D2+
LINE-2
GND
GND
TMDS_D2-
TMDS_D2+
TMDS_GND
TMDS_D2-
TMDS_D1+
TMDS_GND
TMDS_D1-
TMDS_D0+
TMDS_GND
TMDS_D0-
TMDS_CK+
TMDS_GND
TMDS_CK-
CE_REMOTE
N/C
DDC_CLK
DDC_DAT
GND
+5 V OUT
HOTPLUG_DET
HDMI
CONNECTOR
LINE-3
TMDS_D1+
LINE-4
TMDS_D1-
110
29
38
47
56
LINE-1
TMDS_D0+
LINE-2
GND
GND
+5 V
GND
TMDS_D0-
LINE-3
TMDS_CK+
LINE-4
TMDS_CK-
CE_REMOTE
HOTPLUG_DET
DDC_CLK
DDC_DAT
CDSOT236-0504C
CDDFN10-3324P
CDDFN10-3324P
6
2
45
110
29
38
47
56
3
1
Via hole to GND
Via hole to GND
Via hole to +5 V
C = 100 nF
(OPTIONAL)
Feed-Through Layout -
Model CDDFN10-3324P in HDMI Application
HDMI 2.0 Eye Diagram Test
Without Model CDDFN10-3324P
(PCB Only)
HDMI 2.0 Eye Diagram Test
With Model CDDFN10-3324P


Similar Part No. - CDDFN10-3324P

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304NA BOURNS-CDDFN10-3304NA Datasheet
485Kb / 5P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
More results

Similar Description - CDDFN10-3324P

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSC706-0504F BOURNS-CDSC706-0504F Datasheet
330Kb / 4P
   Surface Mount TVS Diode Array
CDSOT236-0502 BOURNS-CDSOT236-0502 Datasheet
267Kb / 4P
   Surface Mount TVS Diode Array
CDSOT563-0502 BOURNS-CDSOT563-0502 Datasheet
266Kb / 4P
   Surface Mount TVS Diode Array
logo
Weitron Technology
WOST04C WEITRON-WOST04C Datasheet
409Kb / 3P
   Surface Mount TVS Diode Array
logo
Bourns Electronic Solut...
CDMSP10-0504M BOURNS-CDMSP10-0504M Datasheet
402Kb / 6P
   Surface Mount TVS Diode Array
CDSC706-0504C BOURNS-CDSC706-0504C_12 Datasheet
286Kb / 4P
   Surface Mount TVS Diode Array
CDDFN10-0516P BOURNS-CDDFN10-0516P Datasheet
364Kb / 6P
   Surface Mount TVS Diode Array
CDDFN10-0524P BOURNS-CDDFN10-0524P_12 Datasheet
335Kb / 4P
   Surface Mount TVS Diode Array
logo
Littelfuse
SP0502BA LITTELFUSE-SP0502BA Datasheet
315Kb / 8P
   Surface Mount TVS Avalanche Diode Array
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
   TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com