Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRS1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # DRS1G
Description  Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DRS1G Datasheet(HTML) 4 Page - Leshan Radio Company

  DRS1G Datasheet HTML 1Page - Leshan Radio Company DRS1G Datasheet HTML 2Page - Leshan Radio Company DRS1G Datasheet HTML 3Page - Leshan Radio Company DRS1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.卷盘规格/Reel Packing
Unit:mm
W
Item
Symbol
Label stike this position
A
B
C
Item
W
7“
A
13“
B
C
W
2.内箱规格/ Inside Box Specification
Item
Symbol
A
B
C
3.外箱规格/Outer Box Specification
Item
Symbol
A
B
C
345±2
5K
Dimension
350±2
350±2
Q'ty/Taping
2K
Size
Size
Dimension
13.0±0.2
7“
Size
13.0±0.2
54±0.5
177±1.0
13.2±1.0
Dimension
335±2
SMA Packing Specification
75.0±0.5
330±1.0
13.2±1.0
A
B
C
13“
Size
335±2
40±1
A
B
C
A
B
C
LESHAN RADIO COMPANY, LTD.


Similar Part No. - DRS1G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
DRS1G TAYCHIPST-DRS1G Datasheet
4Mb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Leshan Radio Company
DRS1G LRC-DRS1G Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1G LRC-DRS1G Datasheet
212Kb / 4P
   Surface Mount Fast Recovery RectifiersReverse Voltage 50 to 1000V Forward Current 1.0A
DRS1G LRC-DRS1G Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
AiT Semiconductor Inc.
DRS1GF AITSEMI-DRS1GF Datasheet
579Kb / 5P
   FAST RECOVERY RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
More results

Similar Description - DRS1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF101-SH LRC-SODF101-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1F1 LRC-1F1_14 Datasheet
225Kb / 7P
   Fast Recovery ectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1G LRC-DRS1G Datasheet
212Kb / 4P
   Surface Mount Fast Recovery RectifiersReverse Voltage 50 to 1000V Forward Current 1.0A
FFM101 LRC-FFM101_14 Datasheet
71Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Rugao Dachang Electroni...
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com