Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC15-15DA Datasheet(PDF) 1 Page - Recom International Power

Part # RAC15-15DA
Description  15 Watt Single/Dual & Triple Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC15-15DA Datasheet(HTML) 1 Page - Recom International Power

  RAC15-15DA Datasheet HTML 1Page - Recom International Power RAC15-15DA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC15-A
UL-60950-1 Certified
15 Watt
Single/Dual
& Triple
Output
Compact AC-DC Power Supply
15 Watt PCB Mount Package
Universal Input Voltage Range
3000VAC Isolation
Low Output Ripple and Noise
Short Circuit Protected
UL Certified, CE Marked
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Max.
Number
Range
Voltage
Current
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
RAC15-05SA
90-264
5
3000
74
31000µF
RAC15-12SA
90-264
12
1250
79
4500µF
RAC15-15SA
90-264
15
1000
78
2700µF
RAC15-24SA
90-264
24
625
80
900µF
RAC15-05DA
90-264
±5
±1500
76
±13500µF
RAC15-12DA
90-264
±12
±650
79
±2700µF
RAC15-15DA
90-264
±15
±500
77
±1400µF
RAC15-0512TA
90-264
5/±12
2000/±200
73
14000/±900µF
RAC15-0515TA
90-264
5/±15
2000/±150
73
14000/±680µF
*add suffix “-E” for extended temperature range, e.g. RAC15-05SA-E
*add suffix "-ST” for screw terminal module e.g. RAC15-05DA-ST, RAC10-0512TA-E-ST
Input Voltage Range
90-264VAC or 120-370VDC
Rated Power
15 Watts max.
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115VAC/230VAC
310mA / 170mA max.
No Load Power Consumption
115VAC/230VAC
1.37W max.
Inrush Current (<2ms)
115VAC
10A max. (-E = 23A max.)
230VAC
20A max. (-E = 46A max.)
Leakage Current
0.75mA max.
Output Voltage Accuracy (Full load)
±2%
Line Voltage Regul. (low line, high line at full load)
Single, Dual
±0.5% typ.
Triple
±1%/±5% typ.
Load Voltage Regulation (5% to 100% full load)
Single
±0.5% typ.
Dual
±3% typ.
Triple
±2%/±5% typ.
Output Ripple and Noise (20MHz limited)
Noise
0.5% Vout + 50mVp-p max.
Ripple
<0.2% Vout + 40mVp-p max.
Operating Frequency
100kHz typ.
Efficiency at Full Load
see table
RMS Isolation Voltage (input to output)
3kVAC / 1minute
Temperature Coefficient
±0.02%/°C typ.
Isolation Resistance
100 M
Ω max.
Short Circuit Protection
Hiccup, Automatic Restart
Operating Temperature Range *
Standard
-25°C to +70°C
(free air convection, with derating)
Suffix -E
-40°C to +70°C
Storage Temperature Range
-40°C to +85°C
Humidity
95% RH max.
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
114g
Packing Quantity
3 pcs (-ST Version: 1 pc)
EMC
EN 55022 Class B / EN 55024
MTBF (+25°C)
using MIL-HDBK-217F
200 x 103 hours
Specifications (typical at 25°C and after warm up time unless otherwise specified )
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50
60 70 80 90
Natural Convection
-40
E-Version
Description
Compact UL certified switching AC/DC power module for PCB, screw-
terminal connection or DIN-rail mounting.
E196683
RoHS
2011/65/EU
6/6
Refer to Application Notes
* Start up only is guaranteed at temperatures down to -25°C. Other specifications may not be met.
Derating-Graph
(Ambient Temperature)
www.recom-power.com
PA-43
REV: 0/2015


Similar Part No. - RAC15-15DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-15DA RECOM-RAC15-15DA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-15DA RECOM-RAC15-15DA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
More results

Similar Description - RAC15-15DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com