Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR104 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FR104
Description  Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR104 Datasheet(HTML) 1 Page - Leshan Radio Company

  FR104 Datasheet HTML 1Page - Leshan Radio Company FR104 Datasheet HTML 2Page - Leshan Radio Company FR104 Datasheet HTML 3Page - Leshan Radio Company FR104 Datasheet HTML 4Page - Leshan Radio Company FR104 Datasheet HTML 5Page - Leshan Radio Company FR104 Datasheet HTML 6Page - Leshan Radio Company FR104 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-41, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.012 oz., 0.3 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
101
FR
102
FR
103
FR
104
FR
105
FR
105P
FR
106
FR
107
FR
107P
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
600
800
1000
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
420
560
700
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
600
800
1000
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
101
FR
102
FR
103
FR
104
FR
105
FR
105P
FR
106
FR
107
FR
107P
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
250
150
250
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
150
500
15
FR101 thru FR107
1.0
30
100
55
–50 to +150
1.3
5.0
200
Reverse Voltage 50 to 1000V
Forward Current 1.0A
Fast Switching Rectifiers
We declare that the material of product
compliance with RoHS requirements.
LESHAN RADIO COMPANY, LTD.
1/3


Similar Part No. - FR104

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR104 SURGE-FR104 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Microdiode Electronics ...
FR104 CHENDA-FR104 Datasheet
596Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
RFE international
FR104 RFE-FR104 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Leshan Radio Company
FR104 LRC-FR104 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
logo
SAMYANG ELECTRONICS CO....
FR104 SAMYANG-FR104 Datasheet
465Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR104

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BA159 LRC-BA159 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
BA159D LRC-BA159D Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
   Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
RS1A LRC-RS1A Datasheet
180Kb / 9P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Rugao Dachang Electroni...
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com