Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC5-0505SRW Datasheet(PDF) 3 Page - Recom International Power

Part # REC5-0505SRW
Description  5 Watt DIP24 & SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5-0505SRW Datasheet(HTML) 3 Page - Recom International Power

  REC5-0505SRW Datasheet HTML 1Page - Recom International Power REC5-0505SRW Datasheet HTML 2Page - Recom International Power REC5-0505SRW Datasheet HTML 3Page - Recom International Power REC5-0505SRW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
4805
483.3
4812
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1209
4812
2415
1215
2405
48V Single 2:1
Dual 4:1
Bottom View
Top View
11
9
3
2
14
16
22
23
1
CTRL Option only
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
3.8+0.5 /-0.25
4.60
2.54
1
Bottom View
Top View
12
11
10
2
13
15
23
24
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
2.06
3.8+0.5 /-0.25
2.54
Recommended Footprint Details
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
Pin Connections
Pin #
Single
Single/X2
Dual
1 (option)
CTRL
CTRL
CTRL
2
–Vin
–Vin
–Vin
3
–Vin
–Vin
–Vin
9
NC
No Pin
Com
11
NC
NC
–Vout
14
+Vout
+Vout
+Vout
16
–Vout
–Vout
Com
22
+Vin
+Vin
+Vin
23
+Vin
+Vin
+Vin
NC = No Connection
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
+Vin
+Vin
10
NC
Com
11
NC
Com
12
–Vout
NC
13
+Vout
–Vout
15
NC
+Vout
23
–Vin
–Vin
24
–Vin
–Vin
NC = No Connection
REC5-S_DRW(Z)
/H* Series
ECONOLINE
DC/DC-Converter
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
CTRL Option
Vin+
0V
22,23
2,3
1
CTRL
TTL Input
1kW
RECx-xxxx/CTRL
1N4148
On
Off
ON = Open or 0V< Vctrl <1.2V
OFF = 2.2V< Vctrl <12V
Typical Characteristics
“A” Pinning
/H2, /H4 & /H6
“C” Pinning
/H2, /H4 & /H6
REV: 0/2015
E-151
www.recom-power.com


Similar Part No. - REC5-0505SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-0505SRW RECOM-REC5-0505SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-0505SRWH1 RECOM-REC5-0505SRWH1 Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-0505SRWH1AM RECOM-REC5-0505SRWH1AM Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-0505SRWH1AMSMD RECOM-REC5-0505SRWH1AMSMD Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-0505SRWH2 RECOM-REC5-0505SRWH2 Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC5-0505SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
RP05-2433SAW RECOM-RP05-2433SAW Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-053.3SRWH4 RECOM-REC5-053.3SRWH4 Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
RP05-123.3SF RECOM-RP05-123.3SF Datasheet
99Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com