Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC3.5-2415DRW Datasheet(PDF) 2 Page - Recom International Power

Part # REC3.5-2415DRW
Description  3.5 Watt DIP24 Reinforced Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3.5-2415DRW Datasheet(HTML) 2 Page - Recom International Power

  REC3.5-2415DRW Datasheet HTML 1Page - Recom International Power REC3.5-2415DRW Datasheet HTML 2Page - Recom International Power REC3.5-2415DRW Datasheet HTML 3Page - Recom International Power REC3.5-2415DRW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Input Voltage Range
2:1
Output Voltage Accuracy
±2% max.
Line Regulation
(HL-LL)
±0.3% max.
Load Regulation
(for output load current change from 20% to 100%)
±0.6% max.
Input Surge
(1 minute)
5V types
16V max.
12V types
25V max.
24V types
50V max.
48V types
100V max.
Undervoltage Lockout
(/X1 Versions)
5V types
3.5V typ. (±20%)
12V types
7V typ. (±20%)
24V types
15V typ. (±10%)
48V types
32V typ. (±10%)
Output Ripple and Noise
(0,1µF capacitor on output, 20MHz BW limited)
150mVp-p max.
Transient Response
(25% step change)
1ms typ.
Switching Frequency
(Full load and nominal input voltage)
150kHz min. / 500kHz max.
Input Filter
Pi Network
Capacitors
All types
MLCC capacitors only
Minimum Load
(Operation under no load will not damage the converter, but it may not meet all specifications)
20% Full Load
No Load Power Consumption
400mW max.
Isolation Voltage
R8-Suffix
(tested for 1 second)
8000VDC
(rated for 1 minute**)
4000VAC / 60Hz
Isolation Voltage
R10-Suffix
(tested for 1 second)
10000VDC.
(rated for 1 minute**)
5000VAC / 60Hz
Isolation Capacitance
20pF typ.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
(Max operating temp. = 60°C during short circuit conditions)
Continuous, Auto Restart
Operating Temperature Range
(free air convection)
-40°C to +85°C (see Graph)
Case Temperature
105°C max.
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic
Potting Material
Silicone
Thermal Impedance
Natural convection
20°C/W
Package Weight
14g
Packing Quantity
15 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
1206 x 103 hours
(+75°C)
using MIL-HDBK 217F
392x 103 hours
EMC
Conducted Emissions
EN55022
Class A
(with 470µF//0.1µF capacitors across input) Radiated Emissions
EN55022
Class A
Reinforced Isolation
Transformer Creepage
/R8 and /R10 Types
4.6 mm min.
Transformer Clearance
/R8 and /R10 Types
2.4 mm min.
PCB Creepage & Clearance
/R8 and /R10 Types
6.0 mm min.
Optocoupler Creepage
/R8 and /R10 Types
6.0 mm min.
External Creepage and Clearance
Plastic Case
Input <> Output pins
14.2 mm min.
Certifications
EN Medical Safety
Report: MDD1207051 + RM1207051
EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
IEC Medical Safety
CB Report: CA-10168-A1-UL
IEC 60601-1 3rd Edition
CSA
Medical Safety
Report: 2202478
C22.2 601-1 2nd Ed.
UL
Medical Safety
E314885-A4
UL 60601-1 3rd Edition
General Safety
Report: 2219431
C22.2 No. 60950-1-03
UL 60950-1 1st Ed.
Recognised as Reinforced Isolation
Supplement to Report: 2219431
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
REC3.5-S_DRW
/R* Series
ECONOLINE
DC/DC-Converter
} DetailedInformationsee
Application Notes chapter "MTBF"
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to our Application Notes.
REV: 0/2015
www.recom-power.com
E-146


Similar Part No. - REC3.5-2415DRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3.5-xx05DRWR RECOM-REC3.5-xx05DRWR Datasheet
115Kb / 4P
   3.5 Watt DIP24 Reinforced Single & Dual Output
REC3.5-xx05SRWR RECOM-REC3.5-xx05SRWR Datasheet
115Kb / 4P
   3.5 Watt DIP24 Reinforced Single & Dual Output
REC3.5-xx09DRWR RECOM-REC3.5-xx09DRWR Datasheet
115Kb / 4P
   3.5 Watt DIP24 Reinforced Single & Dual Output
REC3.5-xx09SRWR RECOM-REC3.5-xx09SRWR Datasheet
115Kb / 4P
   3.5 Watt DIP24 Reinforced Single & Dual Output
REC3.5-xx12DRWR RECOM-REC3.5-xx12DRWR Datasheet
115Kb / 4P
   3.5 Watt DIP24 Reinforced Single & Dual Output
More results

Similar Description - REC3.5-2415DRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3.5 RECOM-REC3.5 Datasheet
115Kb / 4P
   3.5 Watt DIP24 Reinforced Single & Dual Output
REC6 RECOM-REC6 Datasheet
115Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
REC6-R RECOM-REC6-R Datasheet
114Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com