Electronic Components Datasheet Search |
|
REM10-053.3S Datasheet(PDF) 6 Page - Recom International Power |
|
REM10-053.3S Datasheet(HTML) 6 Page - Recom International Power |
6 / 6 page DC/DC Converter Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up) MED-6 REV.: 05/2016 www.recom-power.com REM10 Series 15.24 2.54 31.8 2 5.08 20.32 0.6 dia. 1 2 23 22 16 14 11 Bottom View MEDICAL GRADE DC/DC CONVERTER REM10-Series Pin Connections Pin # Single Dual 1 CTRL* CTRL* 2 -Vin -Vin 11 NC -Vout 14 +Vout +Vout 16 -Vout Com 22 +Vin +Vin 23 +Vin +Vin * If don´t choose CTRL option, there is no pin on the corresponding pin number NC= not connected Tolerance: xx.x= ±0.5mm xx.xx= ±0.25mm Dimension Drawing (mm) “C” Pinning “A” Pinning (Standard) 2.54 31.8 2 2.54 20.32 1 11 24 23 15 13 12 Bottom View 0.6 dia. MEDICAL GRADE DC/DC CONVERTER REM10-Series 15.24 Pin Connections Pin # Single Dual 1 +Vin +Vin 11 No Pin Com 12 -Vout No Pin 13 +Vout -Vout 15 No Pin +Vout 23 -Vin -Vin 24 -Vin -Vin Tolerance: xx.x= ±0.5mm xx.xx= ±0.25mm The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications. PACKAGING INFORMATION Parameter Type Value Packaging Dimension (LxWxH) Tube 255 x 21.8 x 16.5mm Packaging Quantity 7pcs Storage Temperature Range -55°C to +125°C Tube Dimension Drawing (mm) 21.8±0.75 11±0.75 |
Similar Part No. - REM10-053.3S |
|
Similar Description - REM10-053.3S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |