Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC5-483.3SRW Datasheet(PDF) 4 Page - Recom International Power

Part # REC5-483.3SRW
Description  5 Watt DIP24 & SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5-483.3SRW Datasheet(HTML) 4 Page - Recom International Power

  REC5-483.3SRW Datasheet HTML 1Page - Recom International Power REC5-483.3SRW Datasheet HTML 2Page - Recom International Power REC5-483.3SRW Datasheet HTML 3Page - Recom International Power REC5-483.3SRW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ECONOLINE
DC/DC-Converter
19.90
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.64
27.94
26.67
1.54
2.03
Top View
20.30
3.81
6.35
2.54
23.40
1
Bottom View
Top View
12
11
10
3
2
13
14
15
22
23
24
15.24
20.30
2.54
1.00ø+0.15/–0
0.51
3.8+0.5 /-0.25
32.00
10.20
2.06
2.54
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
REC5-S_DRW(Z)
/H* Series
Tol.: ± 0.35 mm
Recommended Footprint Details
Pin Connections
Pin #
Single
Dual
1 (Option)
CTRL
CTRL
2
–Vin
–Vin
3
–Vin
–Vin
4NC
NC
5NC
NC
9
NC
Com
10
NC
NC
11
NC
-Vout
12
NC
NC
Pin Connections
Pin #
Single
Dual
13
NC
NC
14
+Vout
+Vout
15
NC
NC
16
-Vout
Com
20
NC
NC
21
NC
NC
22
+Vin
+Vin
23
+Vin
+Vin
24
NC
NC
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
NC
–Vout
3
NC
Com
4NC
NC
5NC
NC
9NC
NC
10
-Vout
Com
11
+Vout
+Vout
12
-Vin
-Vin
Pin Connections
Pin #
Single
Dual
13
-Vin
-Vin
14
+Vout
+Vout
15
-Vout
Com
16
NC
NC
20
NC
NC
21
NC
NC
22
NC
Com
23
NC
-Vout
24
+Vin
+Vin
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
+Vin
+Vin
3NC
NC
4NC
NC
5NC
NC
9NC
NC
10
NC
Com
11
NC
Com
12
-Vout
NC
Pin Connections
Pin #
Single
Dual
13
+Vout
-Vout
14
NC
NC
15
NC
+Vout
16
NC
NC
20
NC
NC
21
NC
NC
22
NC
NC
23
-Vin
-Vin
24
-Vin
-Vin
/A/SMD Pinning
/B/SMD Pinning
/C/SMD Pinning
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
No Pin
–Vout
3
No Pin
Com
10
–Vout
Com
11
+Vout
+Vout
12
–Vin
–Vin
13
–Vin
–Vin
14
+Vout
+Vout
15
–Vout
Com
22
No Pin
Com
23
No Pin
–Vout
24
+Vin
+Vin
NC = No Connection
for all packages incl.SMD case the length of plastic case is 31,8 mm, length of metal case 32.0 mm
SMD Pinning
“B” Pinning
/H (1.6kV Only)
SMD pin connections follow
standard package A (/A/SMD),
B (/B/SMD) or C (/C/SMD) pinning.
All unused pins are NC
(No Connection). See Below for
detailed pinout lists
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-152


Similar Part No. - REC5-483.3SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-483.3SRW RECOM-REC5-483.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-483.3SRW/H4 RECOM-REC5-483.3SRW/H4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-483.3SRW/H6 RECOM-REC5-483.3SRW/H6 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-483.3SRWH1 RECOM-REC5-483.3SRWH1 Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-483.3SRWH1AM RECOM-REC5-483.3SRWH1AM Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC5-483.3SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
RP05-2433SAW RECOM-RP05-2433SAW Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-053.3SRWH4 RECOM-REC5-053.3SRWH4 Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
RP05-123.3SF RECOM-RP05-123.3SF Datasheet
99Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com