Electronic Components Datasheet Search |
|
RI3-2412S Datasheet(PDF) 3 Page - Recom International Power |
|
RI3-2412S Datasheet(HTML) 3 Page - Recom International Power |
3 / 5 page DC/DC Converter Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified) RI3 Series PROTECTIONS Parameter Condition Value Isolation Voltage standard without suffix with suffix “H2” with suffix “H3” 1kVDC / tested for 1 second 2kVDC / tested for 1 second 3kVDC / tested for 1 second Isolation Capacitance 37pF typ. / 130pF max. Isolation Resistance 10G Ω min. ECO-3 REV.: 0/2016 www.recom-power.com Deviation vs. Load 0505 1205 1505 2405 0509 1209 1509 2409 0512 1212 1512 2412 0515 1215 1515 2415 Output Load [%] 1 -10 0 -5 5 10 20 15 30 25 20 40 60 80 100 Output Load [%] 1 -10 0 -5 5 10 20 15 25 20 40 60 80 100 Output Load [%] 1 -10 0 -5 5 10 20 15 30 25 20 40 60 80 100 Output Load [%] 1 -10 0 -5 5 10 20 15 30 25 20 40 60 80 100 RI3-xx05S RI3-xx12S RI3-xx09S RI3-xx15S ENVIRONMENTAL Parameter Condition Value Operating Temperature Range free air convection, without derating with derating -40°C to +85°C -40°C to +100°C Maximum Case Temperature +115°C Operating Humidity non-condensing 5% - 95% RH max. Vibration MIL-STD-202G MTBF according to MIL-HDBK-217F +25°C +85°C 4395 x 103 hours 1740 x 10³ hours continued on next page |
Similar Part No. - RI3-2412S |
|
Similar Description - RI3-2412S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |