Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG485 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG485
Description  Octal Analog Switch Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG485 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG485 Datasheet HTML 3Page - Vishay Siliconix DG485 Datasheet HTML 4Page - Vishay Siliconix DG485 Datasheet HTML 5Page - Vishay Siliconix DG485 Datasheet HTML 6Page - Vishay Siliconix DG485 Datasheet HTML 7Page - Vishay Siliconix DG485 Datasheet HTML 8Page - Vishay Siliconix DG485 Datasheet HTML 9Page - Vishay Siliconix DG485 Datasheet HTML 10Page - Vishay Siliconix DG485 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DG485
Vishay Siliconix
Document Number: 70065
S-52433—Rev. E, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
5-9
TEST CIRCUITS
FIGURE 8. Switching Time Test Circuit
FIGURE 9. Adjacent Input Crosstalk
LD
CLK
D
V+
V–
GND
35 pF
+15 V
+5 V
–15 V
DG485
VS
VL
RS
S1
S8
S2
S7
DIN
1 k
W
DG485
S1
S2
S3
S8
D
50
W
50
W
50
W
50
W
50
W
50
W
VO
TEST CIRCUITS
DG485
50
W
50
W
50
W
50
W
50
W
S8
S2
S1
FIGURE 10. Off Isolation
VO


Similar Part No. - DG485

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG485 VISHAY-DG485 Datasheet
118Kb / 12P
   Octal Analog Switch Array
18-Jul-08
DG485DJ VISHAY-DG485DJ Datasheet
118Kb / 12P
   Octal Analog Switch Array
18-Jul-08
DG485DN VISHAY-DG485DN Datasheet
118Kb / 12P
   Octal Analog Switch Array
18-Jul-08
DG485 VISHAY-DG485_V01 Datasheet
118Kb / 12P
   Octal Analog Switch Array
18-Jul-08
More results

Similar Description - DG485

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG485 VISHAY-DG485_V01 Datasheet
118Kb / 12P
   Octal Analog Switch Array
18-Jul-08
logo
Toshiba Semiconductor
TC9273N TOSHIBA-TC9273N Datasheet
391Kb / 13P
   ANALOG SWITCH ARRAY ICs
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
   8 x 12 Analog Switch Array
logo
Toshiba Semiconductor
TC9162AN TOSHIBA-TC9162AN Datasheet
401Kb / 12P
   HIGH VOLTAGE ANALOG FUNCTION SWITCH ARRAY
logo
Mitel Networks Corporat...
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
logo
IXYS Corporation
CPC7514 IXYS-CPC7514 Datasheet
297Kb / 15P
   Quad High Voltage Isolated Analog Switch Array
CPC7524 IXYS-CPC7524 Datasheet
302Kb / 15P
   Quad High Voltage Isolated Analog Switch Array
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
   ISO-CMOS 8 x 16 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com