Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REM6-243.3SW Datasheet(PDF) 4 Page - Recom International Power

Part # REM6-243.3SW
Description  6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM6-243.3SW Datasheet(HTML) 4 Page - Recom International Power

  REM6-243.3SW Datasheet HTML 1Page - Recom International Power REM6-243.3SW Datasheet HTML 2Page - Recom International Power REM6-243.3SW Datasheet HTML 3Page - Recom International Power REM6-243.3SW Datasheet HTML 4Page - Recom International Power REM6-243.3SW Datasheet HTML 5Page - Recom International Power REM6-243.3SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC/DC Converter
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
Isolation Voltage
I/P to O/P
working voltage
5kVAC / 1 minute
250VAC / continuous
Means of Protection
2MOPP
Leakage Current
240VAC, 60Hz
2µA
Medical Device Classification
Type CF applied device (design to meet)
Internal Clearance
Creepage
I/P to O/P
I/P to O/P
8mm
8mm
External Clearance
Creepage
I/P to O/P, Single Output
I/P to O/P,
Dual Output
I/P to O/P, Single Output
I/P to O/P,
Dual Output
>19.72mm
>14.64mm
>19.72mm
>14.64mm
Isolation Capacitance
12pF typ. / 17pF max.
Insulation Grade
Reinforced Insulation
MED-4
REV.: 05/2016
www.recom-power.com
ENVIRONMENTAL
Parameter
Condition
Value
Relative Humidity
5% to 95% RH
Temperature Coefficient
±0.02% / °C
Thermal Impedance
natural convection (20LFM)
18°C / W
max. Case Temperature Range
max. Ambient Temperature Range
-40°C to +105°C
see calculation example
MTBF (+25°C)
according to MIL-HDBK-217F, full load
4718 x 103 hours
REM6
Series
Notes:
Note5:
This Power module is not internally fused. A input line fuse must be always used.
Recomended Fuse:
2:1 Input Voltage
Fuse (slow blow)
5V
T2.5A
12V
T1.25A
24V
T0.63A
48V
T0.315A
4:1 Input Voltage
Fuse (slow blow)
24V
T1.25A
48V
T0.63A
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
CB Medical Safety
E314885-A6
IEC-60601-1
1409015
Medical Report + ISO14971 Risk Assessment
ANSI/AAMI
E314885-A6
ES60601-1
CAN/CSA Medical
E314885-A6
C22.2 No. 60601-1:08
Certificate Type (Others)
Conditions
Standard / Criterion
EMI Standard (7)
Conducted
EN55011 (EN-55022), Class A, B
Radiated
EN55011 (EN-55022), Class A, B
Conducted and Radiated
FCC18
ESD
Air ±8kV; Contact ±6kV
EN61000-4-2, Criteria A
Radiated Immunity
10V/m
EN61000-4-3, Criteria A
Fast Transient (6)
±2kV
EN61000-4-4, Criteria A
Surge (6)
±2kV
EN61000-4-5, Criteria A
Conducted Immunity
20Vr.m.s
EN61000-4-6, Criteria A
continued on next page


Similar Part No. - REM6-243.3SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM6 RECOM-REM6 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM6E RECOM-REM6E Datasheet
1Mb / 8P
   DC/DC Converter
REM6E-1212DRA RECOM-REM6E-1212DRA Datasheet
1Mb / 8P
   DC/DC Converter
REM6E-1212SRA RECOM-REM6E-1212SRA Datasheet
1Mb / 8P
   DC/DC Converter
REM6E-1215DRA RECOM-REM6E-1215DRA Datasheet
1Mb / 8P
   DC/DC Converter
More results

Similar Description - REM6-243.3SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM3-053.3S RECOM-REM3-053.3S Datasheet
463Kb / 6P
   3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM10-053.3S RECOM-REM10-053.3S Datasheet
474Kb / 6P
   10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
   6 Watt DIP24 Single and Dual Output
REV.: 0/2023
logo
RSG Electronic Componen...
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
logo
Recom International Pow...
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
logo
RSG Electronic Componen...
RR7-S06-D06 RSG-RR7-S06-D06 Datasheet
170Kb / 3P
   6 Watt 4:1 regulated single & dual output
logo
Recom International Pow...
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
   30 Watt 4:1 Input 2 x 1 Single and Dual Output
REC6 RECOM-REC6 Datasheet
115Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
REC6-R RECOM-REC6-R Datasheet
114Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
RV-3.33.3S RECOM-RV-3.33.3S_06 Datasheet
106Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com