Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNX410012X4204 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CNX410012X4204
Description  410 CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNX410012X4204 Datasheet(HTML) 1 Page - Visual Communications Company

  CNX410012X4204 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RED - BLACK
1 =
WIRE COLOR *
4 INCHES (101.6mm)
SEALED)
04 =
(MOISTURE
CMC 441
LENS W/ LOCKWASHER
X =
CMS 442
LED
5MM LED
WIRE SIZE *
4 =
24 AWG
12 =
8 INCHES (203.2mm)
08 =
6 INCHES (152.4mm)
06 =
(ORDER SEPARATELY)
WHITE - BLACK
2 =
RESISTOR *
012 =
120 OHMS
18 INCHES (457.2mm)
18 =
12 INCHES (304.8mm)
1200 OHMS
120 =
560 OHMS
24 =
24 INCHES (609.6mm)
2200 OHMS
220 =
SINGLE ROW LOCKING HEADER
E =
STRIPPED END
018 =
180 OHMS
033 =
330 OHMS
056 =
WIRE LENGTH *
(ORDER SEPARATELY)
TERMINATION *
REVISIONS
ECN #
REV.
DESCRIPTION
DATE
INITIALS CHK'D
425
000
REVISED PER ECR 032112ED01
5/1/12
KH
ED
REV
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
DRAWN
PHONE: (800) 522-5546 EMAIL: vccsales@vcclite.com
B
SCALE: 2:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DWG. NO.
12780 DANIELSON CT, SUITE A, POWAY, CA 92064 U.S.A
DATE
APPROVAL
CNX 410 XXX ASSY
5/1/12
KHOWARD
EDEGUZMAN
SEE NOTES
PROPRIETARY AND CONFIDENTIAL FINISH
GENERAL TOLERANCES UNLESS
INCHES
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
ASSEMBLY
PROHIBITED.
000
CHECKED
N/A
.500
MM
12.7
COMMUNICATIONS COMPANY, INC IS
CNX 410 CABLE
TITLE:
VISUAL COMMUNICATIONS COMPANY, INC.
PERMISSION OF VISUAL
ANY REPRODUCTION IN PART OR AS
A WHOLE WITHOUT THE WRITTEN
5/2/12
DIMENSION STYLE: INCHES / MM
OTHERWISE SPECIFIED:
NOTES:
ROHS COMPLIANT
1.
MATERIAL:
2.
PANEL CONNECTOR - THERMOPLASTIC, WHITE, UL RATING 94-V0
HEADER CONNECTOR - POLYESTER, UL RATING 94-V0
LENS - POLYCARBONATE - UL RATING 94-V2
MOISTURE SEAL - EPDM
LOCK WASHER - STEEL, NICKEL PLATE
TERMINALS - PHOSPHER BRONZE, TIN PLATE
WIRE - 24 AWG 1007/1569
MOUNTING: HOLE SIZE .313" (7.9mm) OPENING ON 1/2" CENTERS (12.7mm)
3.
PANEL THICKNESS: UP TO .125" (3.18mm) MAX
4.
LED LEAD LENGTH: .250" +/- .01 (6.35mm +/- .254)
5.
FOR STANDARD DRY APPLICATIONS USE CMC 441, FOR WET OR DRY
6.
APPLICATIONS USE CMS 442 (MEETS NEMA 6P/ IP67)
LABEL TEXT: "CNX 410 XXX; XXX0 Ohms"
7.
U.S AND FOREIGN PATENT ISSUED
8.
08
CABLE ORDERING CODE EXAMPLE:
CNX 410 056 E02 4 1
* CALL FACTORY FOR
ADDITIONAL OPTIONS
W2
W1
PIN A = CATHODE (-) BLACK LEAD
PIN B = ANODE (+) WHITE OR RED LEAD
LABEL
13.97mm
.550in
XX.XX"


Similar Part No. - CNX410012X4204

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX410012X4204 VCC-CNX410012X4204 Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX410012X4204ATP VCC-CNX410012X4204ATP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX410012X4204BTP VCC-CNX410012X4204BTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX410012X4204CTP VCC-CNX410012X4204CTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX410012X4204GTP VCC-CNX410012X4204GTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
More results

Similar Description - CNX410012X4204

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX410RTP VCC-CNX410RTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
logo
Adels-Contact
165254 ADELS-165254 Datasheet
123Kb / 2P
   AC 166 GBUF/410 white
12/11/2019
162264 ADELS-162264 Datasheet
126Kb / 2P
   AC 166 GSTF/410 black
12/11/2019
165264 ADELS-165264 Datasheet
126Kb / 2P
   AC 166 GBUF/410 black
12/11/2019
logo
ATGBICS by Approved Tec...
CBL-410-C ATGBICS-CBL-410-C Datasheet
245Kb / 9P
   CBL-410 Gigamon Compatible Active Optical Cable 40G QSFP (10m)
logo
Micro Commercial Compon...
BZX84C2V4 MCC-BZX84C2V4 Datasheet
126Kb / 4P
   Silicon 410 mWatt Zener Diodes
logo
ON Semiconductor
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
logo
Tyco Electronics
41063 MACOM-41063_09 Datasheet
183Kb / 2P
   Power Relay 410 63 125째C
logo
Adels-Contact
162254 ADELS-162254 Datasheet
123Kb / 2P
   AC 166 GSTF/410 white
12/11/2019
logo
Tyco Electronics
41083 MACOM-41083_09 Datasheet
201Kb / 2P
   Power Relay 410 83 3 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com