Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SODF157T-SH Datasheet(PDF) 10 Page - Leshan Radio Company

Part # SODF157T-SH
Description  Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SODF157T-SH Datasheet(HTML) 10 Page - Leshan Radio Company

Back Button SODF157T-SH Datasheet HTML 3Page - Leshan Radio Company SODF157T-SH Datasheet HTML 4Page - Leshan Radio Company SODF157T-SH Datasheet HTML 5Page - Leshan Radio Company SODF157T-SH Datasheet HTML 6Page - Leshan Radio Company SODF157T-SH Datasheet HTML 7Page - Leshan Radio Company SODF157T-SH Datasheet HTML 8Page - Leshan Radio Company SODF157T-SH Datasheet HTML 9Page - Leshan Radio Company SODF157T-SH Datasheet HTML 10Page - Leshan Radio Company SODF157T-SH Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
6.High reliability test capabilities
SODF151T-SH thru SODF157T-SH
Solder Resistance
MIL-STD-750D METHOD-2031
Solderability
at 245±5℃ for 5 sec
MIL-STD-202F METHOD-208
High Temperature Reverse Bias
VR=80% rate at Tj=150℃ for 168hrs
MIL-STD-750D METHOD-1038
Forward Operation Life
MIL-STD-750D METHOD-1027
Intermittent Operation Life
MIL-STD-750D METHOD-1036
Pressure Cooker
15PSIG at TA=121℃ for 4hrs
JESD22-A102
Temperature Cycling
MIL-STD-750D METHOD-1051
Thermal Shock
MIL-STD-750D METHOD-1056
Forward Surge
MIL-STD-750D METHOD-4066-2
Humidity
at TA=85℃,RH=85% for 1000hrs
MIL-STD-750D METHOD-1021
High Temperature Storage Life
at 175℃ for 1000hrs
MIL-STD-750D METHOD-1031
-55℃ to +125℃ dwelled for 30 min.
and transferred for 5min. Total 10
cycles
0℃ for 5min. Rise to 100℃ for 5min.
Total 10 cycles
8.3ms single half sine-wave
superimposed on rated load,one surge
Item Test
Condition
Reference
at 260±5℃ for 10±2sec immerse
body into solder 1/16" ± 1/32"
Rated average rectifier current
TA=25℃ for 500hrs
TA=25℃,IF=IO
On state:power on for 5 min.
Off state:power off for 5 min.
on and off for 500 cycles


Similar Part No. - SODF157T-SH

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODF157T-SH LRC-SODF157T-SH_15 Datasheet
314Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
More results

Similar Description - SODF157T-SH

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODF157-SH LRC-SODF157-SH Datasheet
172Kb / 7P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
SODF151-SH LRC-SODF151-SH Datasheet
187Kb / 7P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
SODF151T-SH LRC-SODF151T-SH Datasheet
172Kb / 7P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RGP15MA LRC-RGP15MA Datasheet
533Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF207T LRC-FFMAF207T Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SODF101-SH LRC-SODF101-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF207L LRC-FFMAF207L Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com