Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7282 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7282
Description  CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7282 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT7282 Datasheet HTML 4Page - Integrated Device Technology IDT7282 Datasheet HTML 5Page - Integrated Device Technology IDT7282 Datasheet HTML 6Page - Integrated Device Technology IDT7282 Datasheet HTML 7Page - Integrated Device Technology IDT7282 Datasheet HTML 8Page - Integrated Device Technology IDT7282 Datasheet HTML 9Page - Integrated Device Technology IDT7282 Datasheet HTML 10Page - Integrated Device Technology IDT7282 Datasheet HTML 11Page - Integrated Device Technology IDT7282 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT7280/7281/7282/7283/7284/7285 5V ASYNCHRONOUS FIFO
DUAL 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
Figure 13. Block Diagram of 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, 4,096 x 18, 8,192 x 18 FIFO Memory Used in Width Expansion Mode
Figure 12. Block Diagram of One 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9, 8,192 x 9 FIFO Used in Single Device Mode
USAGE MODES:
WIDTH EXPANSION
Wordwidthmaybeincreasedsimplybyconnectingthecorrespondinginput
control signals of multiple FIFOs. Status flags (
EF,FFandHF)canbedetected
from any one FIFO. Figure 13 demonstrates an 18-bit word width by using the
two FIFOs contained in the IDT7280/7281/7282/7283/7284/7285s. Any word
width can be attained by adding FIFOs (Figure 13).
BIDIRECTIONAL OPERATION
Applications which require data buffering between two systems (each
system capable of Read and Write operations) can be achieved by pairing
IDT7280/7281/7282/7283/7384/7285s as shown in Figure 16. Both Depth
Expansion and Width Expansion may be used in this mode.
DATA FLOW-THROUGH
Two types of flow-through modes are permitted, a read flow-through
and write flow-through mode. For the read flow-through mode (Figure 17),
the FIFO permits a reading of a single word after writing one word of data into
an empty FIFO. The data is enabled on the bus in (tWEF + tA) ns after the rising
edge of
W,calledthefirstwriteedge,anditremainsonthe busuntilthe Rline
is raised from LOW-to-HIGH, after which the bus would go into a three-state
mode after tRHZ ns. The
EF line would have a pulse showing temporary
deassertion and then would be asserted.
In the write flow-through mode (Figure 18), the FIFO permits the writing
of a single word of data immediately after reading one word of data from a
full FIFO. The
RlinecausestheFFtobedeassertedbuttheWlinebeingLOW
causes it to be asserted again in anticipation of a new data word. On the rising
edgeof
W,thenewwordisloadedintheFIFO.TheWlinemustbetoggledwhen
FFisnotassertedtowritenewdataintheFIFOandtoincrementthewritepointer.
COMPOUND EXPANSION
The two expansion techniques described above can be applied together
in a straightforward manner to achieve large FIFO arrays (see Figure 15).
WRITE (
W)
DATA IN (D)
FULL FLAG (
FF)
RESET (
RS)
9
READ (
R)
9
DATA OUT (Q)
EMPTY FLAG (
EF)
RETRANSMIT (
RT)
EXPANSION IN (
XI)
(
HF)
FIFO
A or B
IDT
7280
7281
7282
7283
7284
7285
(HALF-FULL FLAG)
3208 drw 14
XIA
XIB
9
9
18
9
18
HFB
HFA
9
DATA
WRITE (
W)
FULL FLAG (
FFA)
RESET (
RS)
(D)
IN
READ (
R)
EMPTY FLAG (
EFB)
RETRANSMIT (
RT)
DATA
(Q)
OUT
3208 drw 15
FIFO A
FIFO B
7280/7281/7282/
7283/7284/7285


Similar Part No. - IDT7282

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7282 IDT-IDT7282 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT7282 IDT-IDT7282 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7282 RENESAS-IDT7282 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72821 IDT-IDT72821 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72821 IDT-IDT72821 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT7282

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com