Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1112YDWF24 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS1112YDWF24
Description  Quad Power Output Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1112YDWF24 Datasheet(HTML) 4 Page - ON Semiconductor

  CS1112YDWF24 Datasheet HTML 1Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 2Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 3Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 4Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 5Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 6Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 7Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 8Page - ON Semiconductor CS1112YDWF24 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS1112
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (9.0 V < VPWR < 17 V, 4.5 V < VDD < 5.5 V, –40°C < TJ < 125°C,
5.5 V < VPWR < 25 V, (Outputs Functional); unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Serial Peripheral Interface
VPWR = 14 V
SCLK Clock Period
CO = 200 pF
250
ns
MAX Input Capacitance
SI, SCLK, Note 1.
12
pF
VOUT High
SO, IOH = 1.0 mA
VDD – 1.0
V
VOUT Low
SO, IOL = 1.0 mA
0.5
V
SCLK High Time
FSCLK = 4.0 MHz, SCLK = 2.0 V to 2.0 V
(see Figure 1)
125
ns
SCLK Low Time
FSCLK = 4.0 MHz, SCLK = 0.8 V to 0.8 V
(see Figure 1)
125
ns
SI Setup Time
SI = 0.8 V/2.0 V to SCLK = 2.0 V at 4.0 MHz;
Note 1. (see Figure 1)
25
ns
SI Hold Time
SCLK = 2.0 V to SI = 0.8 V/2.0 V at 4.0 MHz;
Note 1. (see Figure 1)
25
ns
SO Rise Time
CLD = 200 pF (0.1 VDD to 0.9 VDD);
Note 1.
25
50
ns
SO Fall Time
CLD = 200 pF (0.9 VDD to 0.1 VDD);
Note 1.
50
ns
CSB Setup Time
CSB = 0.8 V to SCLK = 2.0 V
(see Figure 1) Note 1.
60
ns
CSB Hold Time
SCLK = 0.8 V to CSB = 2.0 V
(see Figure 1) Note 1.
75
ns
SO Delay Time
SCLK = 0.8 V to SO Data Valid, VDD = 5.0 V
CLD = 200 pF at 4.0 MHz
(see Figure 1); Note 1.
65
125
ns
Xfer Delay Time
CSB rising edge to next falling edge.
Note 1.
1.0
µs
1. Guaranteed by design.
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
24 Lead SOIC
PIN SYMBOL
FUNCTION
1
VDD
Input voltage to bias logic and control circuitry.
2
VPWR
Input voltage to bias gate drive circuitry.
3
OUT0
Open drain output one.
4
IN0
Parallel input one.
5, 6, 7, 8
17, 18, 19, 20
GND
Ground Reference.
9
IN1
Parallel input two.
10
OUT1
Open drain output two.
11
SI
SPI serial input.
12
CSB
SPI active low chip select.
13
SCLK
SPI clock input.
14
SO
SPI serial output.


Similar Part No. - CS1112YDWF24

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CS1110 CIT-CS1110 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
CS1110A2.0 CIT-CS1110A2.0 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
CS1110A2.3 CIT-CS1110A2.3 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
CS1110A2.5 CIT-CS1110A2.5 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
CS1110A3.1 CIT-CS1110A3.1 Datasheet
186Kb / 2P
   DIMENSIONS SCHEMATIC & PC LAYOUT
More results

Similar Description - CS1112YDWF24

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3476 LINER-LT3476 Datasheet
189Kb / 12P
   High Current Quad Output LED Driver
LT3476 LINER-LT3476_15 Datasheet
244Kb / 14P
   High Current Quad Output LED Driver
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
   Low Power Quad Driver
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
   PROTECTED QUAD POWER DRIVER
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
   Low Power Quad Driver
logo
Allegro MicroSystems
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
   QUAD DARLINGTON POWER DRIVER
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
   PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
   PROTECTED QUAD POWER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com