Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKZ-122005D Datasheet(PDF) 5 Page - Recom International Power

Part # RKZ-122005D
Description  2 Watt SIP7 for SIC Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ-122005D Datasheet(HTML) 5 Page - Recom International Power

  RKZ-122005D Datasheet HTML 1Page - Recom International Power RKZ-122005D Datasheet HTML 2Page - Recom International Power RKZ-122005D Datasheet HTML 3Page - Recom International Power RKZ-122005D Datasheet HTML 4Page - Recom International Power RKZ-122005D Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal Input and full load after warm-up time unless otherwise noted)
RKZ-xx2005D
Series
ECO-5
REV.: 1/2016
www.recom-power.com
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
Tube
520.0 x 16.5 x 9.3mm
Packaging Quantity
25pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% to 95% RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


Similar Part No. - RKZ-122005D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ-122005D RECOM-RKZ-122005D Datasheet
323Kb / 5P
   High Isolation 3kVDC & 4kVDC for 1 minute
More results

Similar Description - RKZ-122005D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RXXP2XXYY RECOM-RXXP2XXYY Datasheet
524Kb / 6P
   2 Watt SIP7 for SiC and IGBT Application`s
RXXP06 RECOM-RXXP06 Datasheet
572Kb / 6P
   1 Watt SIP7 Single Output for GaN Application
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Single Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RUZ RECOM-RUZ Datasheet
97Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RKZ-053.3S RECOM-RKZ-053.3S_06 Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RUZ-053.33.3 RECOM-RUZ-053.33.3_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RKZ RECOM-RKZ_10 Datasheet
146Kb / 3P
   2 Watt SIP7 Single & Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com