Electronic Components Datasheet Search |
|
NCP300 Datasheet(PDF) 2 Page - ON Semiconductor |
|
NCP300 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 22 page NCP300, NCP301 http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Input Power Supply Voltage (Pin 2) Vin 12 V Output Voltage (Pin 1) Complementary, NCP300 N−Channel Open Drain, NCP301 VOUT −0.3 to Vin +0.3 −0.3 to 12 V Output Current (Pin 1) (Note 2) IOUT 70 mA Thermal Resistance Junction−to−Air RqJA 250 °C/W Operating Junction Temperature Range TJ −40 to +125 °C Operating Ambient Temperature Range TA −40 to +85 °C Storage Temperature Range Tstg −55 to +150 °C Moisture Sensitivity Level (TA = 235°C) MSL 1 Latchup Performance Positive Negative ILATCHUP 200 200 mA Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per MIL−STD−883, Method 3015. Machine Model Method 200 V. 2. The maximum package power dissipation limit must not be exceeded. P D + T J(max) * T A RqJA |
Similar Part No. - NCP300 |
|
Similar Description - NCP300 |