Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP12-AW Datasheet(PDF) 5 Page - Recom International Power

Part # RP12-AW
Description  12 Watt DIP24/SMD Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP12-AW Datasheet(HTML) 5 Page - Recom International Power

  RP12-AW Datasheet HTML 1Page - Recom International Power RP12-AW Datasheet HTML 2Page - Recom International Power RP12-AW Datasheet HTML 3Page - Recom International Power RP12-AW Datasheet HTML 4Page - Recom International Power RP12-AW Datasheet HTML 5Page - Recom International Power RP12-AW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP12-AW
Series
PD-5
REV.: 1/2016
www.recom-power.com
MODEL
C1
C2/C3
RP12-24xxS_DA
3.3μF/50V
1210 MLCC
1000pF/2kV
1206 MLCC
RP12-48xxS_DA
1.5μF/100V
1812 MLCC
1000pF/2kV
1206 MLCC
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
EMC Filtering Class B
MODEL
C1
C2
C3/C4
L1
RP12-24xxS_DA
3.3μF/50V
1812 MLCC
N/A
1000pF/2kV
1206 MLCC
CMC: 325μH
ref: WE 744290321
ref.: CMC-06
RP12-48xxS_DA
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
1000pF/2kV
1206 MLCC
CMC: 145μH
ref: WE 74482210002
ref.: CMC-07
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
Nickel coated copper
Non-conductive black plastic
Epoxy (UL94-V0)
Package Dimensions (LxWxH)
DIP
SMD
31.8 x 20.3 x 10.2mm
32.0 x 20.3 x 11.2mm
Package Weight
DIP
SMD
18g
20g
continued on next page
DIP Dimension Drawing (mm)
20.3
31.8
Ø 0.5
20.32
2.0
2
3
Bottom View
9
11
23
22
16
14
1
5.08
15.20
2.54
Pin Connections
Pin #
Single
Dual
1
Ctrl
Ctrl
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Com
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
Pin Pitch Tolerance ±0.25mm
Pin Dimension Tolerance ±0.1mm
XX.X ± 0.5mm
XX.XX ± 0.25mm
NC = No Connection


Similar Part No. - RP12-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-A RECOM-RP12-A Datasheet
501Kb / 7P
   12 Watt DIP24/SMD Single & Dual Output
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
   12 Watt 1 x 1 Single and Dual Output
More results

Similar Description - RP12-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-A RECOM-RP12-A Datasheet
501Kb / 7P
   12 Watt DIP24/SMD Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA_07 Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-243.3SAW RECOM-RP12-243.3SAW Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com